Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 47 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 47 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
DS723A1
47
CS43L21
6.10
Beep Configuration & Tone Configuration (Address 14h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Repeat Beep (REPEAT)
Default: 0
0 - Disabled
1 - Enabled
Function:
This bit is used in conjunction with the BEEP bit to mix a continuous or periodic beep with the analog output.
Refer to Figure 10 on page 26 for a description of each configuration option.
Beep (BEEP)
Default: 0
0 - Disabled
1 - Enabled
Function:
This bit is used in conjunction with the REPEAT bit to mix a continuous or periodic beep with the analog
output. Note: Re-engaging the beep before it has completed its initial cycle will cause the beep signal to
remain ON for the maximum ONTIME duration. Refer to Figure 10 on page 26 for a description of each con-
figuration option.
Treble Corner Frequency (TREB_CF[1:0])
Default: 00
00 - 5 kHz
01 - 7 kHz
10 - 10 kHz
11 - 15 kHz
Function:
The treble corner frequency is user selectable as shown above.
Bass Corner Frequency (BASS_CF[1:0])
Default: 00
00 - 50 Hz
01 - 100 Hz
10 - 200 Hz
11 - 250 Hz
Function:
The bass corner frequency is user-selectable as shown above.
7
6
5
432
10
REPEAT
BEEP
Reserved
TREB_CF1
TREB_CF0
BASS_CF1
BASS_CF0
TC_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com