Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 36Page - Cirrus Logic CS43L21 Datasheet HTML 37Page - Cirrus Logic CS43L21 Datasheet HTML 38Page - Cirrus Logic CS43L21 Datasheet HTML 39Page - Cirrus Logic CS43L21 Datasheet HTML 40Page - Cirrus Logic CS43L21 Datasheet HTML 41Page - Cirrus Logic CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 63 page
background image
40
DS723A1
CS43L21
Power Down (PDN)
Default: 0
0 - Disable
1 - Enable
Function:
The entire D/A will enter a low-power state when this function is enabled. The contents of the control port
registers are retained in this mode.
6.3
Speed Control (Address 03h)
Auto-Detect Speed Mode (AUTO)
Default: 1
0 - Disable
1 - Enable
Function:
Enables the auto-detect circuitry for detecting the speed mode of the D/A when operating as a slave. When
AUTO is enabled, the MCLK/LRCK ratio must be implemented according to Table 3 on page 29. The
SPEED[1:0] bits are ignored when this bit is enabled. Speed is determined by the MCLK/LRCK ratio.
Speed Mode (SPEED[1:0])
Default: 01
11 - Quarter-Speed Mode (QSM) - 4 to 12.5 kHz sample rates
10 - Half-Speed Mode (HSM) - 12.5 to 25 kHz sample rates
01 - Single-Speed Mode (SSM) - 4 to 50 kHz sample rates
00 - Double-Speed Mode (DSM) - 50 to 100 kHz sample rates
Function:
Sets the appropriate speed mode for the D/A in Master or Slave Mode. QSM is optimized for 8 kHz sample
rate and HSM is optimized for 16 kHz sample rate. These bits are ignored when the AUTO bit is enabled
(see Auto-Detect Speed Mode (AUTO) above).
Tri-State Serial Port Interface (3ST_SP)
Default: 0
0 - Disable
1 - Enable
Function:
When enabled and the device is configured as a master, the SCLK/LRCK signals are placed in a high-im-
pedance output state. If the serial port is configured as a slave, SCLK/LRCK are configured as inputs.
MCLK Divide By 2 (MCLKDIV2)
Default: 0
0 - Disabled
1 - Divide by 2
76
543
21
0
AUTO
SPEED1
SPEED0
3-ST_SP
Reserved
Reserved
Reserved
MCLKDIV2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com