Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 32Page - Cirrus Logic CS43L21 Datasheet HTML 33Page - Cirrus Logic CS43L21 Datasheet HTML 34Page - Cirrus Logic CS43L21 Datasheet HTML 35Page - Cirrus Logic CS43L21 Datasheet HTML 36Page - Cirrus Logic CS43L21 Datasheet HTML 37Page - Cirrus Logic CS43L21 Datasheet HTML 38Page - Cirrus Logic CS43L21 Datasheet HTML 39Page - Cirrus Logic CS43L21 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
36
DS723A1
CS43L21
5. REGISTER QUICK REFERENCE
Software mode register defaults are as shown. “Reserved” registers must maintain their default state.
Addr
Function
7
6
54
3210
01h
ID
Chip_ID4
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID2
Rev_ID1
Rev_ID0
p39
default
1
1
011001
02h
Power Ctl. 1
Reserved
PDN_DACB PDN_DACA
Reserved
Reserved
Reserved
Reserved
PDN
p39
default
0
00
1(See Note
2 on page
39)
1(See Note
2 on page
39)
1(See Note
2 on page
39)
1(See Note
2 on page
39)
0
03h
Speed Ctl. &
Power Ctl. 2
AUTO
SPEED1
SPEED0
3-ST_SP
Reserved
Reserved
Reserved
MCLKDIV2
p40
default
1
0
101110
04h
Interface Ctl.
Reserved
M/S
DAC_DIF2
DAC_DIF1
DAC_DIF0
Reserved
Reserved
Reserved
p41
default
0
0
000000
05h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
06h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
1
0
100000
07h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
08h
DAC Output
Control
HP_GAIN2
HP_GAIN1
HP_GAIN0
DAC_SNG
VOL
INV_PCMB
INV_PCMA
DACB_
MUTE
DACA_
MUTE
p41
default
0
1
100000
09h
DAC Control
DATA_SEL1
DATA_SEL0
FREEZE
Reserved
DEEMPH
AMUTE
DAC_SZC1
DAC_SZC0
p42
default
0
0
000110
0Ah
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
0Bh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
0Ch
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
0Dh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
0Eh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
1
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com