Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic CS43L21 Datasheet HTML 52Page - Cirrus Logic CS43L21 Datasheet HTML 53Page - Cirrus Logic CS43L21 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 63 page
background image
50
DS723A1
CS43L21
6.14
Limiter Threshold SZC Disable (Address 19h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Maximum Threshold (MAX[2:0])
Default: 000
Function:
Sets the maximum level, below full scale, at which to limit and attenuate the output signal at the attack rate.
Bass, Treble and digital gain settings that boost the signal beyond the maximum threshold may trigger an
attack.
Cushion Threshold (CUSH[2:0])
Default: 000
Function:
Sets a cushion level below full scale. This setting is usually set slightly below the maximum (MAX[2:0])
threshold. The Limiter uses this cushion as a hysteresis point for the input signal as it maintains the signal
below the maximum as well as below the cushion setting. This provides a more natural sound as the limiter
attacks and releases.
76
543
21
0
MAX2
MAX1
MAX0
CUSH2
CUSH1
CUSH0
LIM_SRDIS
LIM_ZCDIS
MAX[2:0]
Threshold
Setting
(dB)
000
0
001
-3
010
-6
011
-9
101
-12
101
-18
110
-24
111
-30
CUSH[2:0] Threshold
Setting
(dB)
000
0
001
-3
010
-6
011
-9
101
-12
101
-18
110
-24
111
-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com