Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 2 Page - Cirrus Logic

  CS43L21 Datasheet HTML 1Page - Cirrus Logic CS43L21 Datasheet HTML 2Page - Cirrus Logic CS43L21 Datasheet HTML 3Page - Cirrus Logic CS43L21 Datasheet HTML 4Page - Cirrus Logic CS43L21 Datasheet HTML 5Page - Cirrus Logic CS43L21 Datasheet HTML 6Page - Cirrus Logic CS43L21 Datasheet HTML 7Page - Cirrus Logic CS43L21 Datasheet HTML 8Page - Cirrus Logic CS43L21 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
2
DS723A1
CS43L21
APPLICATIONS
Portable Audio Players
MD Players
PDAs
Personal Media Players
Portable Game Consoles
Smart Phones
Wireless Headsets
GENERAL DESCRIPTION
The CS43L21 is a highly integrated, 24-bit, 96 kHz, low
power stereo DAC. Based on multi-bit, delta-sigma
modulation, it allows infinite sample rate adjustment be-
tween 4 kHz and 96 kHz. The DAC offers many features
suitable for low power, portable system applications.
The DAC output path includes a digital signal process-
ing engine. Tone Control provides bass and treble
adjustment of four selectable corner frequencies. The
Mixer allows independent volume control for PCM mix,
as well as a master digital volume control for the analog
output. All volume level changes may be configured to
occur on soft ramp and zero cross transitions. The DAC
also includes de-emphasis, limiting functions and a
beep generator delivering tones selectable across a
range of two full octaves.
The stereo headphone amplifier is powered from a sep-
arate positive supply and the integrated charge pump
provides a negative supply. This allows a ground-cen-
tered analog output with a wide signal swing and
eliminates external DC-blocking capacitors.
In addition to its many features, the CS43L21 operates
from a low-voltage analog and digital core, making this
DAC ideal for portable systems that require extremely
low power consumption in a minimal amount of space.
The CS43L21 is available in a 32-pin QFN package in
both Commercial (-10 to +70° C) and Automotive
grades (-40 to +85° C). The CS43L21 Customer Dem-
onstration board is also available for device evaluation
and implementation suggestions. Please see “Ordering
Information” on page 63 for complete details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com