Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 35Page - Cirrus Logic CS43L21 Datasheet HTML 36Page - Cirrus Logic CS43L21 Datasheet HTML 37Page - Cirrus Logic CS43L21 Datasheet HTML 38Page - Cirrus Logic CS43L21 Datasheet HTML 39Page - Cirrus Logic CS43L21 Datasheet HTML 40Page - Cirrus Logic CS43L21 Datasheet HTML 41Page - Cirrus Logic CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
DS723A1
39
CS43L21
6. REGISTER DESCRIPTION
All registers are read/write except for the chip I.D. and Revision Register and Interrupt Status Register which are
read only. See the following bit definition tables for bit assignment information. The default state of each bit after a
power-up sequence or reset is listed in each bit description.
All “Reserved” registers must maintain their default state.
6.1
Chip I.D. and Revision Register (Address 01h) (Read Only)
Chip I.D. (Chip_ID[4:0])
Default: 11011
Function:
I.D. code for the CS43L21. Permanently set to 11011.
Chip Revision (Rev_ID[2:0])
Default: 001
Function:
CS43L21 revision level. Revision B is coded as 001. Revision A is coded as 000.
6.2
Power Control 1 (Address 02h)
Notes:
1.
To activate the power-down sequence for individual channels (A or B,) both channels must first be pow-
ered down either by enabling the PDN bit or by enabling the power-down bits for both channels. En-
abling the power-down bit on an individual channel basis after the D/A has fully powered up will mute
the selected channel without achieving any power savings.
2.
Reserved bits 1 - 4 should always be set “high” by the user to minimize power consumption during nor-
mal operation.
Recommended channel power-down sequence: 1.) Enable the PDN bit, 2.) enable power-down for the se-
lect channels, 3.) disable the PDN bit.
Power Down DAC X (PDN_DACX)
Default: 0
0 - Disable
1 - Enable
Function:
DAC channel x will either enter a power-down or muted state when this bit is enabled. See Note 1 above.
7
6
5
432
10
Chip_ID4
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID2
Rev_ID1
Rev_ID0
7
6
5
432
10
Reserved
PDN_DACB
PDN_DACA
Reserved
Reserved
Reserved
Reserved
PDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com