Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic CS43L21 Datasheet HTML 52Page - Cirrus Logic CS43L21 Datasheet HTML 53Page - Cirrus Logic CS43L21 Datasheet HTML 54Page - Cirrus Logic CS43L21 Datasheet HTML 55Page - Cirrus Logic CS43L21 Datasheet HTML 56Page - Cirrus Logic CS43L21 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
DS723A1
53
CS43L21
Signal Processing Engine Overflow (SPEX_OVFL)
Default: 0
Function:
Indicates a digital overflow condition within the data path after the signal processing engine.
PCMX Overflow (PCMX_OVFL)
Default: 0
Function:
Indicates a digital overflow condition within the data path of the PCM mix.
6.18
Charge Pump Frequency (Address 21h)
Charge Pump Frequency (CHRG_FREQ[3:0])
Default: 0101
Function:
Alters the clocking frequency of the charge pump in 1/(N+2) fractions of the DAC oversampling rate, 128Fs,
should the switching frequency interfere with other system frequencies such as those in the AM radio band.
Note:
Distortion performance may be affected.
7
6
5
432
10
CHRG_FREQ
3
CHRG_FREQ
2
CHRG_FREQ
1
CHRG_FREQ
0
Reserved
Reserved
Reserved
Reserved
N
CHRG_FREQ[3:0]
Frequency
0
0000
...
...
15
1111
64xFs
N2
+
-----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com