Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic CS43L21 Datasheet HTML 51Page - Cirrus Logic CS43L21 Datasheet HTML 52Page - Cirrus Logic CS43L21 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
DS723A1
49
CS43L21
6.12
AOUTx Volume Control:
AOUTA (Address 16h) & AOUTB (Address 17h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
AOUTX Volume Control (AOUTX_VOL[7:0])
Default = 00h
Function:
The analog output levels can be adjusted in 0.5 dB increments from +12 to -102 dB as dictated by the DAC
Soft and Zero Cross bits (DACX_SZC[1:0]). Levels are decoded in unsigned binary as described in the table
above.
Note:
When the limiter is enabled, the AOUT Volume is automatically controlled and should not be ad-
justed manually. Alternative volume control may be achieved using the PCMMIXx_VOL[6:0] bits.
6.13
PCM Channel Mixer (Address 18h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Channel Mixer (PCMx[1:0])
Default: 00
Function:
Implements mono mixes of the left and right channels as well as a left/right channel swap.
7
6
5
432
10
AOUTx_VOL7 AOUTx_VOL6 AOUTx_VOL5 AOUTx_VOL4 AOUTx_VOL3 AOUTx_VOL2 AOUTx_VOL1 AOUTx_VOL0
Binary Code
Volume Setting
0001 1000
+12.0 dB
···
···
0000 0000
0 dB
1111 1111
-0.5 dB
1111 1110
-1.0 dB
···
···
0011 0100
-102 dB
···
···
0001 1001
-102 dB
7
6
5
432
10
PCMA1
PCMA0
PCMB1
PCMB0
Reserved
Reserved
Reserved
Reserved
PCMA[1:0]
AOUTA
PCMB[1:0]
AOUTB
00
L
00
R
01
01
10
10
11
R
11
L
LR
+
2
------------
LR
+
2
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com