Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 33Page - Cirrus Logic CS43L21 Datasheet HTML 34Page - Cirrus Logic CS43L21 Datasheet HTML 35Page - Cirrus Logic CS43L21 Datasheet HTML 36Page - Cirrus Logic CS43L21 Datasheet HTML 37Page - Cirrus Logic CS43L21 Datasheet HTML 38Page - Cirrus Logic CS43L21 Datasheet HTML 39Page - Cirrus Logic CS43L21 Datasheet HTML 40Page - Cirrus Logic CS43L21 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
DS723A1
37
CS43L21
0Fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
1
0
000
000
10h
Vol. Control
PCMMIXA
MUTE_PCM
MIXA
PCMMIXA
VOL6
PCMMIXA
VOL5
PCMMIXA
VOL4
PCMMIXA
VOL3
PCMMIXA
VOL2
PCMMIXA
VOL1
PCMMIXA
VOL0
p44
default
1
0
000
000
11h
Vol. Control
PCMMIXB
MUTE_PCM
MIXB
PCMMIXB
VOL6
PCMMIXB
VOL5
PCMMIXB
VOL4
PCMMIXB
VOL3
PCMMIXB
VOL2
PCMMIXB
VOL1
PCMMIXB
VOL0
p44
default
1
0
000
000
12h
BEEP Freq. &
OnTime
FREQ3
FREQ2
FREQ1
FREQ0
ONTIME3
ONTIME2
ONTIME1
ONTIME0
p45
default
0
0
000
000
13h
BEEP Off
Time & Vol
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
p46
default
0
0
000
000
14h
BEEP Con-
trol & Tone
Config
REPEAT
BEEP
Reserved
TREB_CF1
TREB_CF0
BASS_CF1
BASS_CF0
TC_EN
p47
default
0
0
000
000
15h
Tone Control
TREB3
TREB2
TREB1
TREB0
BASS3
BASS2
BASS1
BASS0
p48
default
1
0
001
000
16h
Vol. Control
AOUTA
AOUTA_
VOL7
AOUTA_
VOL6
AOUTA_
VOL5
OUTA_ VOL4
AOUTA_
VOL3
AOUTA_
VOL2
AOUTA_
VOL1
AOUTA_
VOL0
p49
default
0
0
000
000
17h
Vol. Control
AOUTB
AOUTB_
VOL7
AOUTB_
VOL6
AOUTB_
VOL5
AOUTB_
VOL4
AOUTB_
VOL3
AOUTB_
VOL2
AOUTB_
VOL1
AOUTB_
VOL0
p49
default
0
0
000
000
18h
PCM Channel
Mixer
PCMA1
PCMA0
PCMB1
PCMB0
Reserved
Reserved
Reserved
Reserved
p49
default
0
0
000
000
19h
Limiter
Threshold &
SZC Disable
MAX2
MAX1
MAX0
CUSH2
CUSH1
CUSH0
LIM_SRDIS
LIM_ZCDIS
p50
default
0
0
000
000
1Ah
Limiter Con-
fig & Release
Rate
LIMIT_EN
LIMIT_ALL
LIM_RRATE
5
LIM_RRATE
4
LIM_RRATE
3
LIM_RRATE
2
LIM_RRATE
1
LIM_RRATE
0
p51
default
0
1
111111
1Bh
Limiter Attack
Rate
Reserved
Reserved
LIM_ARATE5 LIM_ARATE4 LIM_ARATE3 LIM_ARATE2 LIM_ARATE1 LIM_ARATE0
p52
default
0
0
000
000
1Ch
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Addr
Function
7
6
543210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com