Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L21 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS43L21
Description  Low Power, Stereo Digital to Analog Converter
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L21 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS43L21 Datasheet HTML 42Page - Cirrus Logic CS43L21 Datasheet HTML 43Page - Cirrus Logic CS43L21 Datasheet HTML 44Page - Cirrus Logic CS43L21 Datasheet HTML 45Page - Cirrus Logic CS43L21 Datasheet HTML 46Page - Cirrus Logic CS43L21 Datasheet HTML 47Page - Cirrus Logic CS43L21 Datasheet HTML 48Page - Cirrus Logic CS43L21 Datasheet HTML 49Page - Cirrus Logic CS43L21 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 63 page
background image
46
DS723A1
CS43L21
6.9
Beep Off Time & Volume (Address 13h)
Note: The DATA_SEL[1:0] bits in reg09h must be set to ‘01’b to enable function control in this register.
Beep Off Time (OFFTIME[2:0])
Default: 000
Function:
The off-duration of the beep signal can be adjusted from approximately 75 ms to 680 ms. The off-duration
will scale inversely with sample rate, Fs, but is fixed at the nominal Fs within each speed mode. Refer to
Figure 10 on page 26 for single-, multiple- and continuous-beep configurations using the REPEAT and
BEEP bits.
Beep Volume (BPVOL[4:0])
Default: 00000
Function:
The level of the beep into the output mixer can be adjusted in 2.0 dB increments from +12 dB to -50 dB.
Refer to Figure 10 on page 26 for single-, multiple- and continuous-beep configurations using the REPEAT
and BEEP bits. Levels are decoded as described in the table above.
76
543
21
0
OFFTIME2
OFFTIME1
OFFTIME0
BPVOL4
BPVOL3
BPVOL2
BPVOL1
BPVOL0
OFFTIME[2:0]
Off Time
Fs = 12, 24, 48 or
96 kHz
000
1.23 s
001
2.58 s
010
3.90 s
011
5.20 s
100
6.60 s
101
8.05 s
110
9.35 s
111
10.80 s
Binary Code
Volume Setting
00110
+12.0 dB
···
···
00000
0 dB
11111
-2 dB
11110
-4 dB
···
···
00111
-50 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com