Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 6Page - Cirrus Logic CS53L21 Datasheet HTML 7Page - Cirrus Logic CS53L21 Datasheet HTML 8Page - Cirrus Logic CS53L21 Datasheet HTML 9Page - Cirrus Logic CS53L21 Datasheet HTML 10Page - Cirrus Logic CS53L21 Datasheet HTML 11Page - Cirrus Logic CS53L21 Datasheet HTML 12Page - Cirrus Logic CS53L21 Datasheet HTML 13Page - Cirrus Logic CS53L21 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
10
DS700PP1
CS53L21
+1.8V or +2.5V
VQ
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8V, 2.5 V
or +3.3V
I²S/LJ
MCLKDIV2
RESET
LRCK
AGND
MCLK
SCLK
VD
* Capacitors must be C0G or equivalent
150 pF
AFILTA
AFILTB
150 pF
SDOUT/
M/S
CS53L21
1 µF
**
+1.8V or +2.5V
AIN1A
Left Analog Input 1
1800 pF
1800 pF
100 k
Ω
100 k
Ω
100
Ω
100
Ω
AIN1B
Right Analog Input 1
*
*
Digital Audio
Processor
0.1 µF
VA
10 µF
FILT+
1 µF
1 µF
VL or DGND (1)
See Note 4
Note 4:
Series resistance in the path of the power supplies
(typically used for added filtering) must be avoided.
(1) Pull-up to VL (47 k
Ω ≤for Master Mode.
Pull-down to DGND for Slave Mode.
TSTN
47 k
Ω
VA_
PULLUP
Figure 2. Typical Connection Diagram (Hardware Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com