Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 23Page - Cirrus Logic CS53L21 Datasheet HTML 24Page - Cirrus Logic CS53L21 Datasheet HTML 25Page - Cirrus Logic CS53L21 Datasheet HTML 26Page - Cirrus Logic CS53L21 Datasheet HTML 27Page - Cirrus Logic CS53L21 Datasheet HTML 28Page - Cirrus Logic CS53L21 Datasheet HTML 29Page - Cirrus Logic CS53L21 Datasheet HTML 30Page - Cirrus Logic CS53L21 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 66 page
background image
DS700PP1
27
CS53L21
4.3.8
Noise Gate
The noise gate may be used to mute signal levels that fall below a programmable threshold. This prevents
the ALC from applying gain to noise. A programmable delay may be used to set the minimum time before
the noise gate attacks the signal.
Maximum noise gate attenuation levels will depend on the gain applied in either the PGA or MIC pre-am-
plifier. For example: If both +32 dB pre-amplification and +12 dB programmable gain is applied, the max-
imum attenuation that the noise gate achieves will be 52 dB (-96 + 32 + 12) below full-scale.
Ramp-down time to the maximum setting is affected by the SOFTx bit.
Recommended settings: For best results, enable soft ramp for the digital attenuator. When the analog in-
puts are configured for differential signals (see “Differential Inputs” on page 23“Differential Inputs” on
page 23), enable the NG_ALL bit to trigger the noise gate only when both inputs fall below the threshold.
Software
Controls:
“Noise Gate Configuration & Misc. (Address 1Fh)” on page 54, “ADC Control (Address 06h)” on
page 45.
-96
-40
THRESH[2:0]
-52 dB
Output
(dB)
Input (dB)
NG
EN
=1
NG
EN
=0
-80 dB
-64 dB
Figure 11. Noise Gate Attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com