Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 42 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 42 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 38Page - Cirrus Logic CS53L21 Datasheet HTML 39Page - Cirrus Logic CS53L21 Datasheet HTML 40Page - Cirrus Logic CS53L21 Datasheet HTML 41Page - Cirrus Logic CS53L21 Datasheet HTML 42Page - Cirrus Logic CS53L21 Datasheet HTML 43Page - Cirrus Logic CS53L21 Datasheet HTML 44Page - Cirrus Logic CS53L21 Datasheet HTML 45Page - Cirrus Logic CS53L21 Datasheet HTML 46Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
42
DS700PP1
CS53L21
Speed Mode (SPEED[1:0])
Default: 01
11 - Quarter-Speed Mode (QSM) - 4 to 12.5 kHz sample rates
10 - Half-Speed Mode (HSM) - 12.5 to 25 kHz sample rates
01 - Single-Speed Mode (SSM) - 4 to 50 kHz sample rates
00 - Double-Speed Mode (DSM) - 50 to 100 kHz sample rates
Function:
Sets the appropriate speed mode for the A/D in Master or Slave Mode. QSM is optimized for 8 kHz sample
rate and HSM is optimized for 16 kHz sample rate. These bits are ignored when the AUTO bit is enabled
(see Auto-Detect Speed Mode (AUTO) above).
Tri-State Serial Port Interface (3ST_SP)
Default: 0
0 - Disable
1 - Enable
Function:
When enabled and the device is configured as a master, all serial port outputs (clocks and data) are placed
in a high impedance state. If the serial port is configured as a slave, only the SDOUT pin will be placed in a
high-impedance state. The other signals will remain as inputs.
Power Down MIC X (PDN_MICX)
Default: 1
0 - Disable
1 - Enable
Function:
When enabled, the microphone pre-amplifier for channel x will be in a power-down state.
Power Down MIC BIAS (PDN_MICBIAS)
Default: 1
0 - Disable
1 - Enable
Function:
When enabled, the microphone bias circuit will be in a power-down state.
MCLK Divide By 2 (MCLKDIV2)
Default: 0
0 - Disabled
1 - Divide by 2
Function:
Divides the input MCLK by 2 prior to all internal circuitry. This bit is ignored when the AUTO bit is disabled
in Slave Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com