Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 9Page - Cirrus Logic CS53L21 Datasheet HTML 10Page - Cirrus Logic CS53L21 Datasheet HTML 11Page - Cirrus Logic CS53L21 Datasheet HTML 12Page - Cirrus Logic CS53L21 Datasheet HTML 13Page - Cirrus Logic CS53L21 Datasheet HTML 14Page - Cirrus Logic CS53L21 Datasheet HTML 15Page - Cirrus Logic CS53L21 Datasheet HTML 16Page - Cirrus Logic CS53L21 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
DS700PP1
13
CS53L21
ANALOG CHARACTERISTICS (AUTOMOTIVE - DNZ)
(Test Conditions (unless otherwise specified): Input sine wave (relative to full scale): 1 kHz through passive input
filter; Measurement Bandwidth is 10 Hz to 20 kHz unless otherwise specified. Sample Frequency = 48 kHz)
4. Referred to the typical full-scale voltage. Applies to all THD+N and Dynamic Range values in the table.
5. Measured between AINxx and AGND.
VA = 2.5 V (nominal)
VA = 1.8 V (nominal)
Parameter (Note 4)
Min
Typ
Max
Min
Typ
Max
Unit
Analog In to ADC
Dynamic Range
A-weighted
unweighted
91
78
99
96
-
-
88
85
96
93
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dBFS
-20 dBFS
-60 dBFS
-
-
-
-86
-76
-36
-78
-
-
-
-
-
-84
-73
-33
-76
-
-
dB
dB
dB
Analog In to PGA to ADC
Dynamic Range
PGA Setting: 0 dB
A-weighted
unweighted
90
87
98
95
-
-
87
84
95
92
-
-
dB
dB
PGA Setting: +12 dB
A-weighted
unweighted
83
80
91
88
-
-
80
77
88
85
-
-
dB
dB
Total Harmonic Distortion + Noise
PGA Setting: 0 dB
-1 dBFS
-60 dBFS
-
-
-88
-35
-80
-
-
-
-86
-32
-78
-
dB
dB
PGA Setting: +12 dB
-1 dBFS
-
-85
-77
-
-83
-75
dB
Analog In to MIC Pre-Amp (+16 dB) to PGA to ADC
Dynamic Range
PGA Setting: 0 dB
A-weighted
unweighted
-
-
86
83
-
-
-
-
83
80
-
-
dB
dB
Total Harmonic Distortion + Noise
PGA Setting: 0 dB
-1 dBFS
-
-76
-
-
-74
-
dB
Analog In to MIC Pre-Amp (+32 dB) to PGA to ADC
Dynamic Range
PGA Setting: 0 dB
A-weighted
unweighted
-
-
78
74
-
-
-
-
75
71
-
-
dB
dB
Total Harmonic Distortion + Noise
PGA Setting: 0 dB
-1 dBFS
-
-74
-
-
-71
-
dB
Other Characteristics
DC Accuracy
Interchannel Gain Mismatch
-
0.1
-
-
0.1
-
dB
Gain Drift
-
±100
-
-
±100
-
ppm/°C
Offset Error
SDOUT Code with HPF On
-
352
-
-
352
-
LSB
Input
Interchannel Isolation
-90
--90
-
dB
Full-scale Input Voltage
ADC
PGA (0 dB)
MIC (+16 dB)
MIC (+32 dB)
0.74•VA
0.75•VA
0.78•VA
0.794•VA
0.129•VA
0.022•VA
0.82•VA
0.83•VA
0.74•VA
0.75•VA
0.78•VA
0.794•VA
0.129•VA
0.022•VA
0.82•VA
0.83•VA
Vpp
Vpp
Vpp
Vpp
Input Impedance (Note 5)
ADC
PGA
MIC
18
40
50
-
-
-
-
-
-
18
40
50
-
-
-
-
-
-
k
Ω
k
Ω
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com