Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 20 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 20 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 16Page - Cirrus Logic CS53L21 Datasheet HTML 17Page - Cirrus Logic CS53L21 Datasheet HTML 18Page - Cirrus Logic CS53L21 Datasheet HTML 19Page - Cirrus Logic CS53L21 Datasheet HTML 20Page - Cirrus Logic CS53L21 Datasheet HTML 21Page - Cirrus Logic CS53L21 Datasheet HTML 22Page - Cirrus Logic CS53L21 Datasheet HTML 23Page - Cirrus Logic CS53L21 Datasheet HTML 24Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
20
DS700PP1
CS53L21
4. APPLICATIONS
4.1
Overview
4.1.1
Architecture
The CS53L21 is a highly integrated, low power, 24-bit audio A/D. The ADC operates at 64Fs, where Fs
is equal to the system sample rate. The different clock rates maximize power savings while maintaining
high performance. The A/D operates in one of four sample rate speed modes: Quarter, Half, Single and
Double. It accepts and is capable of generating serial port clocks (SCLK, LRCK) derived from an input
Master Clock (MCLK).
4.1.2
Line & MIC Inputs
The analog input portion of the A/D allows selection from and configuration of multiple combinations of
stereo and microphone (MIC) sources. Six line inputs with configuration for two MIC inputs (or one MIC
input with common mode rejection), two MIC bias outputs and independent channel control (including a
high-pass filter disable function) are available. A Programmable Gain Amplifier (PGA), MIC boost, and Au-
tomatic Level Control (ALC), with noise gate settings, provide analog gain and adjustment. Digital volume
controls, including gain, boost, attenuation and inversion are also available.
4.1.3
Signal Processing Engine
The ADC data has independent volume controls and mixing functions such as mono mixes and left/right
channel swaps.
4.1.4
Device Control (Hardware or Software Mode)
In Software Mode, all functions and features may be controlled via a two-wire I²C or three-wire SPI control
port interface. In Hardware Mode, a limited feature set may be controlled via stand-alone control pins.
4.1.5
Power Management
Two Software Mode control registers provide independent power-down control of the ADC, PGA, MIC pre-
amp and MIC bias, allowing operation in select applications with minimal power consumption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com