Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 47Page - Cirrus Logic CS53L21 Datasheet HTML 48Page - Cirrus Logic CS53L21 Datasheet HTML 49Page - Cirrus Logic CS53L21 Datasheet HTML 50Page - Cirrus Logic CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic CS53L21 Datasheet HTML 54Page - Cirrus Logic CS53L21 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 66 page
background image
DS700PP1
51
CS53L21
Function:
The level of ADCX can be adjusted in 1.0 dB increments as dictated by the ADCx Soft and Zero Cross bits
(SOFTx & ZCROSSx) from 0 to -96 dB. Levels are decoded in two’s complement, as shown in the table
above.
Note:
When the ALC is enabled, the Attenuator and PGA volume is automatically controlled and should
not be adjusted manually.
6.11 ADCx Mixer Volume Control: ADCA (Address 0Eh) & ADCB (Address 0Fh)
Note: The SPE_ENABLE bit in reg09h must be set to 1 to enable function control in this register.
ADCX Mixer Channel Mute (MUTE_ADCMIXX)
Default: 1
0 - Disabled
1 - Enabled
Function:
The ADC channel X input to the output mixer will mute when enabled. The muting function is affected by
the SPEX Soft and Zero Cross bits (SPEX_SZC[1:0]).
ADCX Mixer Volume Control (ADCMIXX_VOL[6:0])
Default = 000 0000
Function:
The level of the ADCX input to the output mixer can be adjusted in 0.5 dB increments as dictated by the
SPEX Soft and Zero Cross bits (SPE_SZC[1:0]) from +12 to -51.5 dB. Levels are decoded as shown in the
table above.
6.12 Channel Mixer (Address 18h)
Note: The SPE_ENABLE bits in reg09h must be set to 1 to enable function control in this register.
Channel Mixer (ADCx[1:0])
Default: 00
7
6
543
21
0
MUTE_ADCMIXx ADCMIXx_VOL6 ADCMIXx_VOL5 ADCMIXx_VOL4 ADCMIXx_VOL3 ADCMIXx_VOL2 ADCMIXx_VOL1 ADCMIXx_VOL0
Binary Code
Volume Setting
001 1000
+12.0 dB
···
···
000 0000
0 dB
111 1111
-0.5 dB
111 1110
-1.0 dB
···
···
001 1001
-51.5 dB
7
6
5
432
10
Reserved
Reserved
Reserved
Reserved
ADCA1
ADCA0
ADCB1
ADCB0
ADCA[1:0]
SDOUT
ADCB[1:0]
SDOUT
00
L
00
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com