Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 49Page - Cirrus Logic CS53L21 Datasheet HTML 50Page - Cirrus Logic CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic CS53L21 Datasheet HTML 54Page - Cirrus Logic CS53L21 Datasheet HTML 55Page - Cirrus Logic CS53L21 Datasheet HTML 56Page - Cirrus Logic CS53L21 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 66 page
background image
DS700PP1
53
CS53L21
Function:
Sets the rate at which the ALC releases the PGA & digital attenuation from levels below the minimum setting
in the ALC threshold register, and returns the input level to the PGA_VOL[4:0] & ADCx_ATT[7:0] setting.
The ALC release rate is user selectable, but is also a function of the sampling frequency, Fs, and the SOFTx
& ZCROSS bit settings unless the disable bit for each function is enabled.
6.15 ALC Threshold (Address 1Eh)
Maximum Threshold (MAX[2:0])
Default: 000
Function:
Sets the maximum level, relative to full scale, at which to limit and attenuate the input signal at the attack
rate.
Minimum Threshold (MIN[2:0])
Default: 000
Function:
Sets the minimum level at which to disengage the ALC’s attenuation or amplify the input signal at a rate set
in the release rate register until levels again reach this minimum threshold. The ALC uses this minimum as
a hysteresis point for the input signal as it maintains the signal below the maximum as well as below the
minimum setting. This provides a more natural sound as the ALC attacks and releases.
7
6
5
432
10
MAX2
MAX1
MAX0
MIN2
MIN1
MIN0
Reserved
Reserved
MAX[2:0] Threshold
Setting
(dB)
000
0
001
-3
010
-6
011
-9
100
-12
101
-18
110
-24
111
-30
MIN[2:0]
Threshold
Setting
(dB)
000
0
001
-3
010
-6
011
-9
100
-12
101
-18
110
-24
111
-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com