Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 34Page - Cirrus Logic CS53L21 Datasheet HTML 35Page - Cirrus Logic CS53L21 Datasheet HTML 36Page - Cirrus Logic CS53L21 Datasheet HTML 37Page - Cirrus Logic CS53L21 Datasheet HTML 38Page - Cirrus Logic CS53L21 Datasheet HTML 39Page - Cirrus Logic CS53L21 Datasheet HTML 40Page - Cirrus Logic CS53L21 Datasheet HTML 41Page - Cirrus Logic CS53L21 Datasheet HTML 42Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
38
DS700PP1
CS53L21
p50
default
0
0
000000
0Eh Vol. Control
ADCMIXA
MUTE_ADC
MIXA
ADCMIXA
VOL6
ADCMIXA
VOL5
ADCMIXA
VOL4
ADCMIXA
VOL3
ADCMIXA
VOL2
ADCMIXA
VOL1
ADCMIXA
VOL0
p51
default
1
0
000000
0Fh Vol. Control
ADCMIXB
MUTE_ADC
MIXB
ADCMIXB
VOL6
ADCMIXB
VOL5
ADCMIXB
VOL4
ADCMIXB
VOL3
ADCMIXB
VOL2
ADCMIXB
VOL1
ADCMIXB
VOL0
p51
default
1
0
000000
10h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
1
0
000000
11h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
1
0
000000
12h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
13h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
14h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
15h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
1
0
001000
16h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
17h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
18h ADC Chan-
nel Mixer
Reserved
Reserved
Reserved
Reserved
ADCA1
ADCA0
ADCB1
ADCB0
p51
default
0
0
000000
19h Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
1Ah Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
1
111111
1Bh Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
default
0
0
000000
1Ch ALC Enable
& Attack Rate
ALC_ENB
ALC_ENA
ALC_ARATE
5
AALC_RATE
4
ALC_ARATE
3
ALC_ARATE
2
ALC_ARATE
1
ALC_ARATE
0
p52
default
0
0
000000
Addr
Function
7
6
54
3210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com