Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 20Page - Cirrus Logic CS53L21 Datasheet HTML 21Page - Cirrus Logic CS53L21 Datasheet HTML 22Page - Cirrus Logic CS53L21 Datasheet HTML 23Page - Cirrus Logic CS53L21 Datasheet HTML 24Page - Cirrus Logic CS53L21 Datasheet HTML 25Page - Cirrus Logic CS53L21 Datasheet HTML 26Page - Cirrus Logic CS53L21 Datasheet HTML 27Page - Cirrus Logic CS53L21 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
24
DS700PP1
CS53L21
The MICBIAS series resistor must be selected based on the requirements of the particular microphone
used. The MICBIAS output pin is selected using the MICBIAS_SEL bit.
Software
Controls:
“Interface Control (Address 04h)” on page 43, “MIC Control (Address 05h)” on page 44.
fc
1
2
π 50 kΩ
() 1 μF
()
-----------------------------------------------
3.18 Hz
==
MICIN1
MICIN2
Σ
+
+
MICBIAS
18
17
20
//
//
Figure 8. MIC Input Mix w/Common Mode Rejection
Full-Scale Differential Input Level (MICMIX=1)
= (AINxA - AINxB) = 3.6 V
PP = 1.27 VRMS
AINxA
AINxB
2.15 V
1.25 V
0.35 V
2.5 V
2.15 V
1.25 V
0.35 V
VA
Figure 9. Differential Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com