Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 55 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 55 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic CS53L21 Datasheet HTML 54Page - Cirrus Logic CS53L21 Datasheet HTML 55Page - Cirrus Logic CS53L21 Datasheet HTML 56Page - Cirrus Logic CS53L21 Datasheet HTML 57Page - Cirrus Logic CS53L21 Datasheet HTML 58Page - Cirrus Logic CS53L21 Datasheet HTML 59Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
DS700PP1
55
CS53L21
6.17 Status (Address 20h) (Read Only)
For all bits in this register, a “1” means the associated error condition has occurred at least once since the
register was last read. A ”0” means the associated error condition has NOT occurred since the last reading
of the register. Reading the register resets all bits to 0.
Serial Port Clock Error (SP_CLK Error)
Default: 0
Function:
Indicates an invalid MCLK to LRCK ratio. See “Serial Port Clocking” on page 29“Serial Port Clocking” on
page 29 for valid clock ratios.
Note:
On initial power up and application of clocks, this bit will be high as the serial port re-synchronizes.
ADC Overflow (ADCX_OVFL)
Default = 0
Function:
Indicates that there is an over-range condition anywhere in the CS53L21 ADC signal path of each of the
associated ADC’s.
7
6
5
432
10
Reserved
SP_CLKERR
Reserved
Reserved
Reserved
Reserved
ADCA_OVFL ADCB_OVFL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com