Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 40 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 40 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 36Page - Cirrus Logic CS53L21 Datasheet HTML 37Page - Cirrus Logic CS53L21 Datasheet HTML 38Page - Cirrus Logic CS53L21 Datasheet HTML 39Page - Cirrus Logic CS53L21 Datasheet HTML 40Page - Cirrus Logic CS53L21 Datasheet HTML 41Page - Cirrus Logic CS53L21 Datasheet HTML 42Page - Cirrus Logic CS53L21 Datasheet HTML 43Page - Cirrus Logic CS53L21 Datasheet HTML 44Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 66 page
background image
40
DS700PP1
CS53L21
6. REGISTER DESCRIPTION
All registers are read/write except for the chip I.D. and Revision Register and Interrupt Status Register which are
read only. See the following bit definition tables for bit assignment information. The default state of each bit after a
power-up sequence or reset is listed in each bit description.
All “Reserved” registers must maintain their default state.
6.1
Chip I.D. and Revision Register (Address 01h) (Read Only)
Chip I.D. (Chip_ID[4:0])
Default: 11011
Function:
I.D. code for the CS53L21. Permanently set to 11011.
Chip Revision (Rev_ID[2:0])
Default: 001
Function:
CS53L21 revision level. Revision B is coded as 001. Revision A is coded as 000.
6.2
Power Control 1 (Address 02h)
Notes:
1. To activate the power-down sequence for individual channels (A or B,) both channels must first be pow-
ered down either by enabling the PDN bit or by enabling the power-down bits for both channels. En-
abling the power-down bit on an individual channel basis after the A/D has fully powered up will mute
the selected channel without achieving any power savings.
2. Reserved bits 5 and 6 should always be set “high” by the user to minimize power consumption during
normal operation.
Recommended channel power-down sequence: 1.) Enable the PDN bit, 2.) enable power-down for the se-
lect channels, 3.) disable the PDN bit.
76
543
21
0
Chip_ID4
Chip_ID3
Chip_ID2
Chip_ID1
Chip_ID0
Rev_ID2
Rev_ID1
Rev_ID0
76
543
21
0
Reserved
Reserved
Reserved
PDN_PGAB
PDN_PGAA
PDN_ADCB
PDN_ADCA
PDN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com