Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 25Page - Cirrus Logic CS53L21 Datasheet HTML 26Page - Cirrus Logic CS53L21 Datasheet HTML 27Page - Cirrus Logic CS53L21 Datasheet HTML 28Page - Cirrus Logic CS53L21 Datasheet HTML 29Page - Cirrus Logic CS53L21 Datasheet HTML 30Page - Cirrus Logic CS53L21 Datasheet HTML 31Page - Cirrus Logic CS53L21 Datasheet HTML 32Page - Cirrus Logic CS53L21 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 66 page
background image
DS700PP1
29
CS53L21
4.5
Serial Port Clocking
The A/D serial audio interface port operates either as a slave or master. It accepts externally generated
clocks in slave mode and will generate synchronous clocks derived from an input master clock (MCLK) in
master mode.
The frequency of the MCLK must be an integer multiple of, and synchronous with, the system sample rate,
Fs. The LRCK frequency is equal to Fs, the frequency at which audio samples for each channel are clocked
into or out of the device.
The SPEED and MCLKDIV2 software control bits or the SDOUT/(M/S) and MCLKDIV2 stand-alone control
pins, configure the device to generate the proper clocks in Master Mode and receive the proper clocks in
Slave Mode. The value on the SDOUT pin is latched immediately after powering up in Hardware Mode.
Software
Control:
“MIC Power Control & Speed Control (Address 03h)” on page 41, “SPE Control
(Address 09h)” on page 48.
Hardware
Control:
Pin
Setting
Selection
“SDOUT, M/S” pin 29
47 k
Ω Pull-down
Slave
47 k
Ω Pull-up
Master
“MCLKDIV2” pin 2
LO
No Divide
HI
MCLK is divided by 2 prior
to all internal circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com