Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 15 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 15 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 11Page - Cirrus Logic CS53L21 Datasheet HTML 12Page - Cirrus Logic CS53L21 Datasheet HTML 13Page - Cirrus Logic CS53L21 Datasheet HTML 14Page - Cirrus Logic CS53L21 Datasheet HTML 15Page - Cirrus Logic CS53L21 Datasheet HTML 16Page - Cirrus Logic CS53L21 Datasheet HTML 17Page - Cirrus Logic CS53L21 Datasheet HTML 18Page - Cirrus Logic CS53L21 Datasheet HTML 19Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
DS700PP1
15
CS53L21
7. After powering up the CS53L21, RESET should be held low after the power supplies and clocks are
settled.
8. See “Example System Clock Frequencies” on page 57 for typical MCLK frequencies.
9. See“Master” on page 30.
10. “MCLK” refers to the external master clock applied.
Master Mode (Note 9)
Output Sample Rate (LRCK)
All Speed Modes
(Note 10)
Fs
-Hz
LRCK Duty Cycle
45
55
%
SCLK Frequency
1/tP
-
64•Fs
Hz
SCLK Duty Cycle
45
55
%
LRCK Edge to SDOUT MSB Output Delay
td(MSB)
-52
ns
SDOUT Setup Time Before SCLK Rising Edge
ts(SDO-SK)
20
-
ns
SDOUT Hold Time After SCLK Rising Edge
th(SK-SDO)
30
-
ns
Parameters
Symbol
Min
Max
Units
MCLK
128
-----------------
th(SK-SDO)
//
//
//
//
//
//
MSB
MSB-1
LRCK
SCLK
SDOUT
td(MSB)
ts(LK-SK)
tP
ts(SDO-SK)
Figure 3. Serial Audio Interface Slave Mode Timing
th(SK-SDO)
//
//
//
//
//
//
MSB
MSB-1
LRCK
SCLK
SDOUT
td(MSB)
tP
ts(SDO-SK)
Figure 4. Serial Audio Interface Master Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com