Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 49 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 49 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 45Page - Cirrus Logic CS53L21 Datasheet HTML 46Page - Cirrus Logic CS53L21 Datasheet HTML 47Page - Cirrus Logic CS53L21 Datasheet HTML 48Page - Cirrus Logic CS53L21 Datasheet HTML 49Page - Cirrus Logic CS53L21 Datasheet HTML 50Page - Cirrus Logic CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 66 page
background image
DS700PP1
49
CS53L21
SPE Soft Ramp and Zero Cross Control (SPE_SZC[1:0])
Default = 10
00 - Immediate Change
01 - Zero Cross
10 - Soft Ramp
11 - Soft Ramp on Zero Crossings
Function:
Note: The SPE_ENABLE bits in reg09h must be set to 1 to enable function control
Immediate Change
When Immediate Change is selected all volume-level changes will take effect immediately in one step.
Zero Cross
This setting dictates that signal-level changes, either by gain changes, attenuation changes or muting, will
occur on a signal zero crossing to minimize audible artifacts. The requested level change will occur after a
timeout period between 1024 and 2048 sample periods (21.3 ms to 42.7 ms at 48 kHz sample rate) if the
signal does not encounter a zero crossing. The zero cross function is independently monitored and imple-
mented for each channel. Note: The LIM_SRDIS bit is ignored.
Soft Ramp
Soft Ramp allows level changes, either by gain changes, attenuation changes or muting, to be implemented
by incrementally ramping, in 1/8 dB steps, from the current level to the new level at a rate of 0.5 dB per 4
left/right clock periods.
Soft Ramp on Zero Crossing
This setting dictates that signal-level changes, either by gain changes, attenuation changes or muting, will
occur in 1/8 dB steps and be implemented on a signal zero crossing. The 1/8 dB level change will occur
after a timeout period between 512 and 1024 sample periods (10.7 ms to 21.3 ms at 48 kHz sample rate) if
the signal does not encounter a zero crossing. The zero cross function is independently monitored and im-
plemented for each channel. Note: The LIM_SRDIS bit is ignored.
6.9
ALCX & PGAX Control: ALCA, PGAA (Address 0Ah) & ALCB, PGAB (Address 0Bh)
ALCX Soft Ramp Disable (ALCX_SRDIS)
Default: 0
0 - Off
1 - On
Function:
Overrides the SOFTx bit setting for the ADC. When this bit is set, the ALC attack rate in the PGA will not be
dictated by the soft ramp setting. ALC volume-level changes will take effect in one step.
7
6
5
432
10
ALCX_SRDIS ALCX_ZCDIS
Reserved
PGAX_VOL4
PGAX_VOL3
PGAX_VOL2
PGAX_VOL1
PGAX_VOL0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com