Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 46Page - Cirrus Logic CS53L21 Datasheet HTML 47Page - Cirrus Logic CS53L21 Datasheet HTML 48Page - Cirrus Logic CS53L21 Datasheet HTML 49Page - Cirrus Logic CS53L21 Datasheet HTML 50Page - Cirrus Logic CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic CS53L21 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
50
DS700PP1
CS53L21
ALCX Zero Cross Disable (ALCX_ZCDIS)
Default: 0
0 - Off
1 - On
Function:
Overrides the ZCROSSx bit setting for the ADC. When this bit is set, the ALC attack rate in the PGA will not
be dictated by the zero cross setting. ALC volume-level changes will take effect immediately in one step.
PGA X Gain Control (PGAX_VOL[4:0])
Default: 00000
Function:
The PGAx Gain Control register allows independent setting of the signal levels in 0.5 dB increments as dic-
tated by the ADCx Soft and Zero Cross bits (SOFTx & ZCROSSx) from +12 dB to -3 dB. Gain settings are
decoded as shown in the table above. The gain changes are implemented as dictated by the ALCX Soft &
Zero Cross bits (ALCX_SRDIS & ALCX_ZCDIS).
Note:
When the ALC is enabled, the PGA is automatically controlled and should not be adjusted manu-
ally.
6.10 ADCx Attenuator: ADCA (Address 0Ch) & ADCB (Address 0Dh)
ADCX Attenuation Control (ADCX_ATT[7:0])
Default: 00h
Binary Code
Volume Setting
11000
+12 dB
···
···
01010
+5 dB
···
···
00000
0 dB
11111
-0.5 dB
11110
-1 dB
···
···
11001
-3 dB
11010
-3 dB
76
543
21
0
ADCx_ATT7
ADCx_ATT6
ADCx_ATT5
ADCx_ATT4
ADCx_ATT3
ADCx_ATT2
ADCx_ATT1
ADCx_ATT0
Binary Code
Volume Setting
0111 1111
0 dB
···
···
0000 0000
0 dB
1111 1111
-1 dB
1111 1110
-2 dB
···
···
1010 0000
-96 dB
···
···
1000 0000
-96 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com