Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 48Page - Cirrus Logic CS53L21 Datasheet HTML 49Page - Cirrus Logic CS53L21 Datasheet HTML 50Page - Cirrus Logic CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic CS53L21 Datasheet HTML 54Page - Cirrus Logic CS53L21 Datasheet HTML 55Page - Cirrus Logic CS53L21 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 66 page
background image
52
DS700PP1
CS53L21
Function:
Implements mono mixes of the left and right channels as well as a left/right channel swap.
6.13 ALC Enable & Attack Rate (Address 1Ch)
ALC Enable (ALC_ENX)
Default: 0
0 - Disabled
1 - Enabled
Function:
Enables automatic level control for ADC channel x.
Note:
When the ALC is enabled, the Attenuator and PGA volume is automatically controlled and should
not be adjusted manually.
ALC Attack Rate (ARATE[5:0])
Default: 000000
Function:
Sets the rate at which the ALC attenuates the analog input from levels above the maximum setting in the
ALC threshold register.
The limiter attack rate is user-selectable but is also a function of the sampling frequency, Fs, and the SOFTx
& ZCROSSx bit settings unless the disable bit for each function is enabled.
6.14 ALC Release Rate (Address 1Dh)
ALC Release Rate (RRATE[5:0])
Default: 111111
01
01
10
10
11
R
11
L
76
543
21
0
ALC_ENB
ALC_ENA
ALC_ARATE5 ALC_ARATE4 ALC_ARATE3 ALC_ARATE2 ALC_ARATE1 ALC_ARATE0
Binary Code
Attack Time
000000
Fastest Attack
···
···
111111
Slowest Attack
76
543
21
0
Reserved
Reserved
ALC_RRATE5 ALC_RRATE4 ALC_RRATE3 ALC_RRATE2 ALC_RRATE1 ALC_RRATE0
Binary Code
Release Time
000000
Fastest Release
···
···
111111
Slowest Release
ADCA[1:0]
SDOUT
ADCB[1:0]
SDOUT
LR
+
2
------------
LR
+
2
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com