Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 31 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 31 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 27Page - Cirrus Logic CS53L21 Datasheet HTML 28Page - Cirrus Logic CS53L21 Datasheet HTML 29Page - Cirrus Logic CS53L21 Datasheet HTML 30Page - Cirrus Logic CS53L21 Datasheet HTML 31Page - Cirrus Logic CS53L21 Datasheet HTML 32Page - Cirrus Logic CS53L21 Datasheet HTML 33Page - Cirrus Logic CS53L21 Datasheet HTML 34Page - Cirrus Logic CS53L21 Datasheet HTML 35Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 66 page
background image
DS700PP1
31
CS53L21
4.5.3
High-Impedance Digital Output
The serial port may be placed on a clock/data bus that allows multiple masters for the serial port I/O with-
out the need for external buffers. The 3ST_SP bit places the internal buffers for these I/O in a high-imped-
ance state, allowing another device to transmit serial port data without bus contention..
4.5.4
Quarter- and Half-Speed Mode
Quarter-Speed Mode (QSM) and Half-Speed Mode (HSM) allow lower sample rates while maintaining a
relatively flat noise floor in the typical audio band of 20 Hz - 20 kHz. Single-Speed Mode (SSM) will allow
lower frequency sample rates.
4.6
Digital Interface Formats
The serial port operates in standard I²S or Left-Justified digital interface formats with varying bit depths from
16 to 24. Data is clocked out of the ADC or into the SPE on the rising edge of SCLK. Figures 15-16 illustrate
the general structure of each format. Refer to “Switching Specifications - Serial Port” on page 14 for exact
timing relationship between clocks and data.
Software
Control:
“Interface Control (Address 04h)” on page 43.
Hardware
Control:
Pin
Setting
Selection
“I²S/LJ” pin 3
LO
Left-Justified Interface
HI
I²S Interface
CS53L21
Transmitting Device #1
Transmitting Device #2
Receiving Device
3ST_SP
SDOUT
SCLK/LRCK
Figure 14. Tri-State Serial Port
LRCK
SCLK
MS B
LS B
MS B
LS B
AOUTA / AINxA
L eft C han nel
Rig ht C h an n el
SDIN
AOUTB / AINxB
MSB
Figure 15. I²S Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com