Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 50Page - Cirrus Logic CS53L21 Datasheet HTML 51Page - Cirrus Logic CS53L21 Datasheet HTML 52Page - Cirrus Logic CS53L21 Datasheet HTML 53Page - Cirrus Logic CS53L21 Datasheet HTML 54Page - Cirrus Logic CS53L21 Datasheet HTML 55Page - Cirrus Logic CS53L21 Datasheet HTML 56Page - Cirrus Logic CS53L21 Datasheet HTML 57Page - Cirrus Logic CS53L21 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 66 page
background image
54
DS700PP1
CS53L21
6.16 Noise Gate Configuration & Misc. (Address 1Fh)
Noise Gate Channel Gang (NG_ALL)
Default: 0
0 - Disabled
1 - Enabled
Function:
Gangs the noise gate function for channel A and B. When enabled, both channels must fall below the thresh-
old setting for the noise gate attenuation to take effect.
Noise Gate Enable (NG_EN)
Default: 0
0 - Disabled
1 - Enabled
Function:
Enables the noise gate. Maximum attenuation is relative to all gain settings applied.
Noise Gate Boost (NG_BOOST) and Threshold (THRESH[3:0])
Default: 000
Function:
Sets the threshold level of the noise gate. Input signals below the threshold level will be attenuated to -96
dB. NG_BOOST = ‘1’b adds 30 dB to the threshold settings.
Noise Gate Delay Timing (NGDELAY[1:0])
Default: 00
00 - 50 ms
01 - 100 ms
10 - 150 ms
11 - 200 ms
Function:
Sets the delay time before the noise gate attacks. Noise gate attenuation is dictated by the SOFTx &
ZCROSS bit settings unless the disable bit for each function is enabled.
76
543
21
0
NG_ALL
NG_EN
NG_BOOST
THRESH2
THRESH1
THRESH0
NGDELAY1
NGDELAY0
THRESH[2:0]
Minimum Setting
(NG_BOOST = ‘0’b)
Minimum Setting
(NG_BOOST = ‘1’b)
000
-64 dB
-34 dB
001
-67 dB
-37 dB
010
-70 dB
-40 dB
011
-73 dB
-43 dB
100
-76 dB
-46 dB
101
-82 dB
-52 dB
110
Reserved
-58 dB
111
Reserved
-64 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com