Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 24Page - Cirrus Logic CS53L21 Datasheet HTML 25Page - Cirrus Logic CS53L21 Datasheet HTML 26Page - Cirrus Logic CS53L21 Datasheet HTML 27Page - Cirrus Logic CS53L21 Datasheet HTML 28Page - Cirrus Logic CS53L21 Datasheet HTML 29Page - Cirrus Logic CS53L21 Datasheet HTML 30Page - Cirrus Logic CS53L21 Datasheet HTML 31Page - Cirrus Logic CS53L21 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 66 page
background image
28
DS700PP1
CS53L21
4.4
Signal Processing Engine
The SPE provides various signal processing functions that apply to the ADC data.
4.4.1
Volume Controls
The digital volume control functions offer independent control over the ADC signal path into the mixer.
The volume controls are programmable to ramp in increments of 0.125 dB at a rate controlled by the soft
ramp/zero cross settings.
The signal paths may also be muted via mute control bits. When enabled, each bit attenuates the signal
to its maximum value. When the mute bit is disabled, the signal returns to the attenuation level set in the
respective volume control register. The attenuation is ramped up and down at the rate specified by the
SPE_SZC[1:0] bits.
4.4.2
Mono Channel Mixer
A channel mixer may be used to create a mix of the left and right channels for the ADC data. This mix
allows the user to produce a MONO signal from a stereo source. The mixer may also be used to imple-
ment a left/right channel swap.
Software
Controls:
“SPE Control (Address 09h)” on page 48
Software
Controls:
“ADCx Mixer Volume Control: ADCA (Address 0Eh) & ADCB (Address 0Fh)” on page 51
Software
Controls:
“Channel Mixer (Address 18h)” on page 51.
VOL
Channel
Swap
+12dB/-51.5dB
0.5dB steps
ADCMIXA_VOL[6:0]
ADCMIXB_VOL[6:0]
MUTE_ADCMIXA
MUTE_ADCMIXB
SIGNAL PROCESSING ENGINE (SPE)
ADCA[1:0]
ADCB[1:0]
INPUTS FROM ADCA
and ADCB
Digital Mix to ADC
Serial Interface
Figure 12. Signal Processing Engine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com