Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 14Page - Cirrus Logic CS53L21 Datasheet HTML 15Page - Cirrus Logic CS53L21 Datasheet HTML 16Page - Cirrus Logic CS53L21 Datasheet HTML 17Page - Cirrus Logic CS53L21 Datasheet HTML 18Page - Cirrus Logic CS53L21 Datasheet HTML 19Page - Cirrus Logic CS53L21 Datasheet HTML 20Page - Cirrus Logic CS53L21 Datasheet HTML 21Page - Cirrus Logic CS53L21 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 66 page
background image
18
DS700PP1
CS53L21
DC ELECTRICAL CHARACTERISTICS
(AGND = 0 V; all voltages with respect to ground.)
14. The DC current draw represents the allowed current draw from the VQ pin due to typical leakage
through electrolytic de-coupling capacitors.
15. Valid with the recommended capacitor values on FILT+ and VQ. Increasing the capacitance will also
increase the PSRR.
DIGITAL INTERFACE SPECIFICATIONS & CHARACTERISTICS
16. See “Digital I/O Pin Characteristics” on page 8 for serial and control port power rails.
Parameters
Min
Typ
Max
Units
VQ Characteristics
Nominal Voltage
Output Impedance
DC Current Source/Sink (Note 14)
-
-
-
0.5•VA
23
-
-
-
10
V
k
Ω
μA
FILT+
-VA
-
V
MIC BIAS Characteristics
Nominal Voltage
MICBIAS_LVL[1:0] = 00
MICBIAS_LVL[1:0] = 01
MICBIAS_LVL[1:0] = 10
MICBIAS_LVL[1:0] = 11
DC Current Source
Power Supply Rejection Ratio (PSRR)
1 kHz
-
-
-
-
-
-
0.8•VA
0.7•VA
0.6•VA
0.5•VA
-
50
-
-
-
-
1
-
V
V
V
V
mA
dB
Power Consumption (Normal Operation Worse Case)
1 kHz
--
30
mW
Power Supply Rejection Ratio (PSRR) (Note 15)
1 kHz
-60-
dB
Parameters (Note 16)
Symbol
Min
Max
Units
Input Leakage Current
Iin
-±10
μA
Input Capacitance
-10
pF
1.8 V - 3.3 V Logic
High-Level Output Voltage (IOH = -100 μA)
VOH
VL - 0.2
-
V
Low-Level Output Voltage (IOL = 100 μA)
VOL
-0.2
V
High-Level Input Voltage
VIH
0.68•VL
-
V
Low-Level Input Voltage
VIL
-
0.32•VL
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com