Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS53L21 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS53L21
Description  Low Power, Stereo Analog to Digital Converter
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS53L21 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS53L21 Datasheet HTML 40Page - Cirrus Logic CS53L21 Datasheet HTML 41Page - Cirrus Logic CS53L21 Datasheet HTML 42Page - Cirrus Logic CS53L21 Datasheet HTML 43Page - Cirrus Logic CS53L21 Datasheet HTML 44Page - Cirrus Logic CS53L21 Datasheet HTML 45Page - Cirrus Logic CS53L21 Datasheet HTML 46Page - Cirrus Logic CS53L21 Datasheet HTML 47Page - Cirrus Logic CS53L21 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 66 page
background image
44
DS700PP1
CS53L21
ADC I²S or Left-Justified (ADC_I²S/LJ)
Default: 0
0 - Left-Justified
1 - I²S
Function:
Selects either the I²S or Left-Justified digital interface format for the data on SDOUT. The required relation-
ship between the Left/Right clock, serial clock and serial data is defined by the Digital Interface Format and
the options are detailed in this section “Digital Interface Formats” on page 31.
Digital Mix (DIGMIX)
Default: 0
Function:
Routes the ADC outputs to the serial port SDOUT pin. DIGMIX selects either “raw” ADC data or SPE pro-
cessed ADC data to SDOUT. Note: If DIGMIX = 1, SPE_ENABLE must be 1 for the SPE to be functional.
Microphone Mix (MICMIX)
Default: 0
0 - Disabled; No Mix: Left/Right Channel to ADC serial port, SDOUT.
1 - Enabled; Mix: Differential mix ((A-B)/2)to ADC serial port, SDOUT.
Function:
Selects between the ADC stereo mix or a differential mix of analog inputs A and B.
6.5
MIC Control (Address 05h)
ADC Single Volume Control (ADC_SNGVOL)
Default: 0
0 - Disabled
1 - Enabled
Function:
The individual PGA Volume (PGAx_VOLx) and ADC channel attenuation (ADCx_ATTx) levels as well as
the ALC A and B enable (ALC_ENx) are independently controlled by their respective control registers when
this function is disabled. When enabled, the volume on both channels is determined by the ADCA Attenuator
Control register, or the PGAA Control register, and the ADCB Attenuator and PGAB Control registers are
ignored. The ALC enable control for channel B is controlled by the ALC A enable when the ADC_SNGVOL
bit is enabled and the ALC_ENB control register is ignored.
DIGMIX
SPE_ENABLE
Mix Selected
0
x
ADC data to ADC serial port, SDOUT data.
1
0
Reserved
1
SPE Processed ADC data to ADC serial port, SDOUT data.
76
5
4
3
2
1
0
ADC_SNGVOL
ADCB_DBOOST ADCA_DBOOST MICBIAS_SEL MICBIAS_LVL1 MICBIAS_LVL0
MICB_BOOST MICA_BOOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com