Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA097008NB-V1-R2 Datasheet (PDF) - WOLFSPEED, INC.

PTRA097008NB-V1-R2 Datasheet PDF - WOLFSPEED, INC.
Part # PTRA097008NB-V1-R2
Download  PTRA097008NB-V1-R2 Download
File Size   556.13 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz

PTRA097008NB-V1-R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
PTRA097008NB-V1-R2 Datasheet PDF - WOLFSPEED, INC.

Part # PTRA097008NB-V1-R2
Download  PTRA097008NB-V1-R2 Click to download

File Size   556.13 Kbytes
Page   10 Pages
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.
Description Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz

PTRA097008NB-V1-R2 Datasheet (HTML) - WOLFSPEED, INC.


PTRA097008NB-V1-R2 Product details

Description
The PTRA097008NB is a 630-watt LDMOS FET intended for use in multistandard cellular power amplifier applications in the 920 to 960 MHz
frequency band. Features include input and output matching, high gain
and thermally-enhanced package with earless flanges. Manufactured
with Wolfspeed's advanced LDMOS process, this device provides excellent thermal performance and superior reliability
Features
• Broadband internal input and output matching
• Asymmetric design
- Main: P1dB = 300 W typical
- Peak: P1dB = 400 W typical
• Typical pulsed CW performance (10 µs, 10% duty
cycle, class AB test), 942 MHz, 48 V, combined outputs,
Doherty configuration
- Output power at P1dB = 180 W
- Output power at P3dB = 600 W
- Efficiency = 52%
- Gain = 19 dB
• Capable of handing 10:1 VSWR at 48 V, 89 W (CW)output
power
• Integrated ESD protection
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS-compliant




Similar Part No. - PTRA097008NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
More results


Similar Description - PTRA097008NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com