Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA097008NB-V1-R2 Datasheet(PDF) 2 Page - WOLFSPEED, INC.

Part # PTRA097008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA097008NB-V1-R2 Datasheet(HTML) 2 Page - WOLFSPEED, INC.

  PTRA097008NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
PTRA097008NB
Rev. 04, 2023-06-22
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
DC Characteristics (each side)
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VGS = 0 V, IDS = 10 mA
V(BR)DSS
105
—
—
V
Drain Leakage Current
VDS = 50 V, VGS = 0 V
IDSS
—
—
1
µA
VDS = 105 V, VGS = 0 V
IDSS
—
—
10
µA
On-State Resistance
(Main)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.07
—
W
(Peak)
VGS = 10 V, VDS = 0.1 V
RDS(on)
—
0.05
—
W
Operating Gate Voltage
(Main)
VDS = 48 V, IDQ = 600 mA
VGS
3
3.65
4
V
(Peak)
VDS = 48 V, IDQ = 0 mA
VGS
—
2.4
—
V
Gate Leakage Current
VGS = 14 V, VDS = 0 V
IGSS
—
—
1
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain-Source Voltage
VDSS
105
V
Gate-Source Voltage
VGS
–6 to +12
V
Operating Voltage
VDD
0 to +55
V
Junction Temperature
TJ
225
°C
Storage Temperature Range
TSTG
–65 to +150
°C
1. Operation above the maximum values listed here may cause permanent damage. Maximum ratings are absolute ratings; exceeding only one of these
values may cause irreversible damage to the component. Exposure to absolute maximum rating conditions for extended periods may affect device reli-
ability. For reliable continuous operation, the device should be operated within the operating voltage range (VDD) specified above.
2. Parameters values can be affected by end application and product usage. Values may change over time.
Thermal Characteristics
Parameter
Symbol
Value
Unit
Thermal Resistance
Main (TCASE = 70°C, Pavg = 90 W CW)
RqJC
0.45
°C/W
Moisture Sensitivity Level
Level
Test Signal
Package Temperature
Unit
3
IPC/JEDEC J-STD-020
260
°C
Ordering Information
Type and Version
Order Code
Package Description
Shipping
PTRA097008NB V1 R2
PTRA097008NB-V1-R2
PG-HB2SOF-6-1
Tape & Reel, 250 pcs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com