Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA097008NB-V1-R2 Datasheet(PDF) 1 Page - WOLFSPEED, INC.

Part # PTRA097008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA097008NB-V1-R2 Datasheet(HTML) 1 Page - WOLFSPEED, INC.

  PTRA097008NB-V1-R2 Datasheet HTML 1Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Rev. 04, 2023-06-22
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
PTRA097008NB
Package PG-HB2SOF-6-1
Thermally-Enhanced High Power RF LDMOS FET
630 W, 48 V, 920 – 960 MHz
Description
The PTRA097008NB is a 630-watt LDMOS FET intended for use in multi-
standard cellular power amplifier applications in the 920 to 960 MHz
frequency band. Features include input and output matching, high gain
and thermally-enhanced package with earless flanges. Manufactured
with Wolfspeed's advanced LDMOS process, this device provides excel-
lent thermal performance and superior reliability.
RF Characteristics
Single-carrier WCDMA Specifications (tested in Wolfspeed Doherty test fixture)
VDD = 50 V, IDQ = 600 mA, VGS(PEAK) = 2.4 V, POUT = 90 W avg, ƒ1 = 960 MHz, 3GPP signal, channel bandwidth = 3.84 MHz, peak/average =
10 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18.25
19
—
dB
Drain Efficiency
hD
46.5
49
—
%
Adjacent Channel Power Ratio
ACPR
—
–29
–26
dBc
Output PAR @ 0.01% CCDF
OPAR
6.0
6.8
—
dB
Features
• Broadband internal input and output matching
• Asymmetric design
- Main: P1dB = 300 W typical
- Peak: P1dB = 400 W typical
• Typical pulsed CW performance (10 µs, 10% duty
cycle, class AB test), 942 MHz, 48 V, combined outputs,
Doherty configuration
- Output power at P1dB = 180 W
- Output power at P3dB = 600 W
- Efficiency = 52%
- Gain = 19 dB
• Capable of handing 10:1 VSWR at 48 V, 89 W (CW)output
power
• Integrated ESD protection
• Human Body Model Class 2 (per ANSI/ESDA/JEDEC
JS-001)
• Low thermal resistance
• Pb-free and RoHS-compliant
-60
-40
-20
0
20
40
60
0
4
8
12
16
20
24
25
30
35
40
45
50
55
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 50 V, IDQ(MAIN) = 600 mA,
VGS(PEAK) =2.4 V,ƒ =960MHz,
3GPP WCDMA signal, 10 dB PAR,
3.84 MHz bandwidth
Gain
Efficiency
PAR @ 0.01% CCDF
ra097008nb-gr1a
PTRA097008NB


Similar Part No. - PTRA097008NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
More results

Similar Description - PTRA097008NB-V1-R2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA091503EL INFINEON-PTFA091503EL Datasheet
627Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920-960 MHz
Rev. 03, 2010-08-11
PTFB091507FH INFINEON-PTFB091507FH Datasheet
1Mb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920-960 MHz
Rev. 03, 2011-03-14
PTFB091802FC INFINEON-PTFB091802FC_16 Datasheet
1Mb / 9P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
Rev. 02.1, 2016-06-10
PTFB091507FH INFINEON-PTFB091507FH_16 Datasheet
1,015Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
Rev. 03.1, 2016-06-09
PTFA091503EL INFINEON-PTFA091503EL_16 Datasheet
766Kb / 11P
Thermally-Enhanced High Power RF LDMOS FET 150 W, 920 ??960 MHz
Rev. 04, 2016-06-16
logo
Cree, Inc
PTRA097008NB CREE-PTRA097008NB Datasheet
732Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 ??960 MHz
PTFB091507FH CREE-PTFB091507FH Datasheet
618Kb / 13P
Thermally-Enhanced High Power RF LDMOS FET 160 W, 28 V, 920 ??960 MHz
PTFB091802FC CREE-PTFB091802FC Datasheet
538Kb / 9P
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 920 ??960 MHz
PTFB093608FV CREE-PTFB093608FV Datasheet
1Mb / 13P
Thermally-Enhanced High Power RF LDMOS FET 360 W, 28 V, 920 ??960 MHz
PTRA093818NF CREE-PTRA093818NF Datasheet
600Kb / 10P
Thermally-Enhanced High Power RF LDMOS FET 415 W, 48 V, 925 ??960 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com