Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTRA097008NB-V1-R2 Datasheet(PDF) 7 Page - WOLFSPEED, INC.

Part # PTRA097008NB-V1-R2
Description  Thermally-Enhanced High Power RF LDMOS FET 630 W, 48 V, 920 – 960 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSPEED [WOLFSPEED, INC.]
Direct Link  https://www.wolfspeed.com/
Logo WOLFSPEED - WOLFSPEED, INC.

PTRA097008NB-V1-R2 Datasheet(HTML) 7 Page - WOLFSPEED, INC.

Back Button PTRA097008NB-V1-R2 Datasheet HTML 2Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 3Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 4Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 5Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 6Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 7Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 8Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 9Page - WOLFSPEED, INC. PTRA097008NB-V1-R2 Datasheet HTML 10Page - WOLFSPEED, INC.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
PTRA097008NB
Rev. 04, 2023-06-22
© 2023 Wolfspeed, Inc. All rights reserved. Wolfspeed® and the Wolfstreak logo are registered trademarks and the Wolfspeed logo is a trademark of Wolfspeed, Inc.
The information in this document is subject to change without notice.
4600 Silicon Drive | Durham, NC 27703 | Tel: +1.919.313.5300
Reference Circuit (cont.)
Components Information
Component
Description
Manufacturer
P/N
Input
C101, C103, C107
Capacitor, 4.7 pF
ATC
ATC600F4R7CT250X
C102, C108
Capacitor, 36 pF
ATC
ATC600F360JT250X
C104, C109
Capacitor, 3.0 pF
ATC
ATC600F3R0CT250X
C105, C111
Capacitor, 39 pF
ATC
ATC600F390JT250X
C106, C112
Capacitor, 10 µF, 50 V
Taiyo Yuden
UMK325C7106MM-T
C110
Capacitor, 2.4 pF
ATC
ATC600F2R4CT250X
R101, R102, R103
Chip resistor, 5.1 ohms
Panasonic
ERJ-8GEYJ5R1V
R104
Resistor, 50 ohms
Richardson
C16A50Z4
U1
Hybrid coupler
Anaren
X3C09P1-03S
Output
C201, C202, C203, C204, C205, C206,
C207, C208, C209, C210, C211, C212,
C213, C214, C215, C216, C217, C218
Capacitor, 10 µF, 100 V
TDK Corporation
C5750X7S2A106M230KB
C219, C228, C233
Capacitor, 39 pF
ATC
ATC600F390JT250X
C220, C224, C225
Capacitor, 3.3 pF
ATC
ATC600F3R3CT250X
C221
Capacitor, 0.3 pF
ATC
ATC600F0R3CT250X
C222
Capacitor, 1.2 pF
ATC
ATC600F1R2CT250X
C223
Capacitor, 12 pF
ATC
ATC600F120JT250X
C226
Capacitor, 5.1 pF
ATC
ATC600F5R1CT250X
C227
Capacitor, 8.2 pf
ATC
ATC600F8R2CT250X
C229
Capacitor, 1.0 pF
ATC
ATC600F1R0CT250X
C230, C231
Capacitor, 2.0 pF
ATC
ATC600F2R0CT250X
C232
Capacitor, 7.5 pF
ATC
ATC600F7R5CT250X
Pinout Diagram (top view)
Pin
Description
D1
Drain Device 1 (main)
D2
Drain Device 2 (peak)
G1
Gate Device 1 (main)
G2
Gate Device 2 (peak)
Source Bottom metallization
V1, V2
Drain video decoupling,
no DC bias
Main
Peak
V1
V2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com