Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2815RW Datasheet (PDF) - Belden Inc.

2815RW Datasheet PDF - Belden Inc.
Part # 2815RW
Download  2815RW Download
File Size   153.33 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Indoor/Outdoor Stadium Cable, Analog Audio Snake, 4 Pair 22 AWG,stranded, CMR

2815RW Datasheet (PDF)

Go To PDF Page Download Datasheet
2815RW Datasheet PDF - Belden Inc.

Part # 2815RW
Download  2815RW Click to download

File Size   153.33 Kbytes
Page   3 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Indoor/Outdoor Stadium Cable, Analog Audio Snake, 4 Pair 22 AWG,stranded, CMR

2815RW Datasheet (HTML) - Belden Inc.


2815RW Product details

Product Description
4 Pair 22 AWG stranded (7x30) TC conductor, polyolefin insulation, individually shielded with bonded Beldfoil®, numbered/color-coded PVC jackets, jackets
and shields are bonded so both strip simultaneously, water blocking tape, overall black CPE jacket and nylon rip cord.




Similar Part No. - 2815RW

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2815 KR-2815 Datasheet
48Kb / 2P
6 dB negative slope equalizer
logo
Heyco.
2815 HEYCO-2815 Datasheet
102Kb / 1P
Shorty Bushings
logo
List of Unclassifed Man...
28150 ETC2-28150 Datasheet
128Kb / 1P
Wiha Drive-Loc VI Blades
28150 ETC2-28150 Datasheet
153Kb / 5P
Board Of Education - Serial (28150) Rev C
logo
Belden Inc.
28150A BELDEN-28150A Datasheet
196Kb / 2P
TC VN/PVC, 3G C #810 Str BC, PVC-NYL Ins M4, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
12-22-2023
More results


Similar Description - 2815RW

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1594A BELDEN-1594A Datasheet
158Kb / 3P
Category 5e Indoor/Outdoor Cable, 4 Pair, U/UTP, CMR/CMX
2022 Belden, Inc
2142A BELDEN-2142A Datasheet
154Kb / 3P
Category 6A Indoor/Outdoor Cable, 4 Pair, F/UTP, CMR/CMX
2022 Belden, Inc
2451RW BELDEN-2451RW Datasheet
178Kb / 2P
Indoor/Outdoor Stadium, Line Level Audio Cable, 1 Pr #22 Str TC, O/A Foil,CPE Jkt, CMR, Waterblocked
11-09-2022
2768RW BELDEN-2768RW Datasheet
178Kb / 2P
Indoor/Outdoor Stadium, Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded,CPE Jkt, CMR, Waterblocked
11-09-2022
2814RW BELDEN-2814RW Datasheet
153Kb / 3P
Indoor/Outdoor Stadium Cable, Analog Audio Snake, 2 Pair 22 AWG,stranded, CMR
12-19-2022
2816RW BELDEN-2816RW Datasheet
148Kb / 2P
Indoor/Outdoor Stadium Cable, Analog Audio Snake, 6 Pair 22 AWG,stranded, CMR
01-20-2023
2818RW BELDEN-2818RW Datasheet
175Kb / 2P
Indoor/Outdoor Stadium, Audio Snake Cable, 12 Pr #22 Str TC, Ind. Shielded & Jacketed, O/A Foil, CPE Jkt, CMR, Waterblocked
01-20-2023
9451PS6 BELDEN-9451PS6 Datasheet
174Kb / 3P
Audio Snake Cable, 6 Pair 22 AWG, TC, Indiv. Shielded, CMP
11-09-2022
9451PS4 BELDEN-9451PS4 Datasheet
174Kb / 3P
Audio Snake Cable, 4 Pair 22 AWG, TC, Indiv. Shielded, CMP
12-20-2022
1325R BELDEN-1325R Datasheet
155Kb / 2P
Security & Commercial Audio, 2 Pair 22 AWG BC, CMR
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com