Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT2305-SL Datasheet (PDF) - Princeton Technology Corp

PT2305-SL Datasheet PDF - Princeton Technology Corp
Part # PT2305-SL
Download  PT2305-SL Download
File Size   198.39 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2.5W 횞 2 Class AB Audio Power Amplifier

PT2305-SL Datasheet (PDF)

Go To PDF Page Download Datasheet
PT2305-SL Datasheet PDF - Princeton Technology Corp

Part # PT2305-SL
Download  PT2305-SL Click to download

File Size   198.39 Kbytes
Page   3 Pages
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp
Description 2.5W 횞 2 Class AB Audio Power Amplifier

PT2305-SL Datasheet (HTML) - Princeton Technology Corp


PT2305-SL Product details

DESCRIPTION

The PT2305 is an audio power amplifier utilizing CMOS Technology specially designed for audio purpose. It can deliver 2.5W × 2 power output to the 4Ω load. The power consumption is very low in stand-by. Total harmonic distortion is lower than 0.03%. The output structure is BTL (Bridge-Tied Load) mode for driving speaker load mode. Built-in over-temperature protection, package size is not occupies PCB space. It is suitable for small or portable products.



FEATURES

• CMOS technology

• Operating voltage: 2.7V ~ 6V

• Output power 2.5W × 2 (4Ω/10%THD)

• Built-in 31 steps volume controller

• Suppress the pop and click noise when mode changed

• Extreme low current consumption in Shutdown mode (Icc<0.7µA)

• Built-in over temperature protection



APPLICATIONS

• LCD monitor or TV

• Portable audio

• Multimedia speakers

• Other audio applications




Similar Part No. - PT2305-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2305-S PTC-PT2305-S Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
More results


Similar Description - PT2305-SL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2367 PTC-PT2367 Datasheet
149Kb / 4P
1W Class AB Audio Power Amplifier
PT2300 PTC-PT2300 Datasheet
341Kb / 15P
2W x 2 Class AB Audio Power Amplifier
PT2366 PTC-PT2366 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
PT2366L PTC-PT2366L Datasheet
220Kb / 4P
1W Class-AB Audio Power Amplifier
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
2W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
PT2366 PTC-PT2366_10 Datasheet
212Kb / 5P
1W Class-AB Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2603B ANPEC-APA2603B Datasheet
500Kb / 24P
2.5W Stereo Class-D Audio Power Amplifier
logo
Unisonic Technologies
PA7493 UTC-PA7493_15 Datasheet
278Kb / 7P
2W X 2 CLASS AB AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
LTK8002D ETC-LTK8002D Datasheet
1Mb / 7P
Class AB Audio Amplifier
2014 V1.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com