Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMB3 Datasheet (PDF) - Nexperia B.V. All rights reserved

PUMB3 Datasheet PDF - Nexperia B.V. All rights reserved
Part # PUMB3
Download  PUMB3 Download
File Size   297.97 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open

PUMB3 Datasheet (PDF)

Go To PDF Page Download Datasheet
PUMB3 Datasheet PDF - Nexperia B.V. All rights reserved

Part # PUMB3
Download  PUMB3 Click to download

File Size   297.97 Kbytes
Page   8 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open

PUMB3 Datasheet (HTML) - Nexperia B.V. All rights reserved


PUMB3 Product details

FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.

APPLICATIONS
• Low current peripheral driver
• Replacement of general purpose transistors in digital
applications
• Control of IC inputs.

DESCRIPTION
NPN/PNP resistor-equipped transistors (see
“_Data_Sheet_Remark Supersedes data of 2003 Nov 04”
for package details).




Similar Part No. - PUMB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PUMB3 PHILIPS-PUMB3 Datasheet
52Kb / 8P
PNP resistor-equipped double transistor; R1 = 4.7 kohm
2001 Sep 19
PUMB3 PHILIPS-PUMB3 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
PUMB3 NXP-PUMB3 Datasheet
137Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 k廓, R2 = open
2003 Oct 15
logo
Nexperia B.V. All right...
PUMB3 NEXPERIA-PUMB3 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
logo
NXP Semiconductors
PUMB30 PHILIPS-PUMB30 Datasheet
948Kb / 12P
Low VCEsat (BISS) transistors
May 2006
More results


Similar Description - PUMB3

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMD6 PHILIPS-PEMD6 Datasheet
55Kb / 8P
NPN/PNP resistor-equipped transistors; R1 = 4.7 kohm, R2 = open
2001 Nov 07
logo
Nexperia B.V. All right...
PDTC143T_SERIES NEXPERIA-PDTC143T_SERIES Datasheet
402Kb / 15P
NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PEMB4 NEXPERIA-PEMB4 Datasheet
342Kb / 9P
PNP/PNP resistor-equipped transistors; R1 = 10 kΩ, R2 = open
2003 Oct 15
PDTA124T_SERIES NEXPERIA-PDTA124T_SERIES Datasheet
403Kb / 15P
PNP resistor-equipped transistors; R1 = 22 kΩ, R2 = open
2004 Aug 04
PDTA143T_SERIES NEXPERIA-PDTA143T_SERIES Datasheet
385Kb / 15P
PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2004 Aug 04
PDTA144T_SERIES NEXPERIA-PDTA144T_SERIES Datasheet
401Kb / 15P
PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = open
2004 Aug 05
PUMB13-Q NEXPERIA-PUMB13-Q Datasheet
235Kb / 12P
PNP/PNP resistor-equipped double transistors; R1 = 4.7 kΩ, R2 = 47 kΩ
25 October 2021
PDTC143T_SER NEXPERIA-PDTC143T_SER Datasheet
402Kb / 15P
NPN resistor-equipped transistors R1 = 4.7 kΩ, R2 = open
2004 Aug 06
PEMH7 NEXPERIA-PEMH7 Datasheet
344Kb / 9P
NPN/NPN resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 02
PUMB3 NEXPERIA-PUMB3 Datasheet
136Kb / 8P
PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
2003 Oct 15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com