Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD53519JP Datasheet (PDF) - Analog Devices

AD53519JP Datasheet PDF - Analog Devices
Part # AD53519JP
Download  AD53519JP Download
File Size   291.35 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Preliminary Technical Data

AD53519JP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD53519JP Datasheet PDF - Analog Devices

Part # AD53519JP
Download  AD53519JP Click to download

File Size   291.35 Kbytes
Page   13 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Preliminary Technical Data

AD53519JP Datasheet (HTML) - Analog Devices


AD53519JP Product details

GENERAL DESCRIPTION
The AD53519 is an ultrafast voltage comparator fabricated on ADI’s proprietary XFCB process. The device features 300 ps propagation delay with better than 75 ps overdrive dispersion. Dispersion is a particularly important characteristic of high speed comparators. It is a measure of the difference in propagation delay under differing overdrive conditions.

FEATURES
   Robust Input Protection
   300 ps Propagation Delay Input to Output
   75 ps Propagation Delay Variation
   Differential ECL Compatible Outputs
   Differential Latch Control
   Power Supply Rejection Greater than 70 dB
   200ps Minimum Pulse Width (Bandwidth > 2.5 GHz)
   5 Gbps Toggle Rate
   Typical Output Rise/Fall of 150 ps

APPLICATIONS
   Automatic Test Equipment
   High Speed Instrumentation
   Scope & Logic Analyzers Front End
   Window Comparators
   High Speed Line Receivers
   Threshold Detection
   Peak Detection
   High Speed Triggers
   Patient Diagnostics
   Disk Drive Read Channel Detection
   Hand-Held Test Instruments
   Zero Crossing Detectors
   Line Receivers & Signal Restoration
   Clock Driver
   Upgrade for SPT9689 Designs
   Upgrade for AD96687 Designs




Similar Part No. - AD53519JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD53513 AD-AD53513 Datasheet
92Kb / 4P
Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
AD53513JSQ AD-AD53513JSQ Datasheet
92Kb / 4P
Quad Ultrahigh-Speed Pin Driver with High-Z and VTERM Modes
AD53513 AD-AD53513_15 Datasheet
95Kb / 4P
Quad Ultrahigh-Speed Pin Driver
REV. 0
More results


Similar Description - AD53519JP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5263 AD-AD5263 Datasheet
84Kb / 6P
Preliminary Technical Data
ADSP-21368 AD-ADSP-21368 Datasheet
1Mb / 48P
Preliminary Technical Data
ADSP-21267 AD-ADSP-21267 Datasheet
496Kb / 44P
Preliminary Technical Data
logo
Everlight Electronics C...
67-B21SURC-S400-E13-TR8 EVERLIGHT-67-B21SURC-S400-E13-TR8 Datasheet
128Kb / 9P
Technical Data Sheet TOP View LEDs(Preliminary)
logo
IXYS Corporation
IXGR120N60C2 IXYS-IXGR120N60C2 Datasheet
177Kb / 6P
Preliminary Technical Information
IXFA18N60X IXYS-IXFA18N60X Datasheet
189Kb / 6P
Preliminary Technical Information
IXFA24N60X IXYS-IXFA24N60X Datasheet
160Kb / 6P
Preliminary Technical Information
IXFK90N60X IXYS-IXFK90N60X Datasheet
203Kb / 5P
Preliminary Technical Information
IXTA24N65X2 IXYS-IXTA24N65X2 Datasheet
208Kb / 6P
Preliminary Technical Information
IXXH60N65B4H1 IXYS-IXXH60N65B4H1 Datasheet
190Kb / 8P
Preliminary Technical Information
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com