Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVCH16500 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVCH16500 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVCH16500
Download  74ALVCH16500 Download
File Size   210.05 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver; 3-state

74ALVCH16500 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVCH16500 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVCH16500
Download  74ALVCH16500 Click to download

File Size   210.05 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 18-bit universal bus transceiver; 3-state

74ALVCH16500 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVCH16500 Product details

1 General description
The 74ALVCH16500 is a high-performance CMOS product. This device is an 18-bit
universal transceiver featuring non-inverting 3-state bus compatible outputs in both
send and receive directions. Data flow in each direction is controlled by output enable
(OEAB and OEBA), latch enable (LEAB and LEBA), and clock (CPAB and CPBA) inputs.
For A-to-B data flow, the device operates in the transparent mode when LEAB is HIGH.
When LEAB is LOW, the A data is latched if CPAB is held at a HIGH or LOW logic level.
If LEAB is LOW, the A data is stored in the latch/flip-flop on the HIGH-to-LOW transition
of CPAB. When OEAB is HIGH, the outputs are active. When OEAB is LOW, the outputs
are in the high-impedance state.
Data flow for B-to-A is similar to that of A-to-B but uses OEBA, LEBA and CPBA.
The output enables are complimentary (OEAB is active HIGH, and OEBA is active LOW).
To ensure the high impedance state during power up or power down, OEBA
should be tied to VCC through a pullup resistor and OEAB should be tied to GND
through a pulldown resistor; the minimum value of the resistor is determined by the
current-sinking/current-sourcing capability of the driver.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic
level.
2 Features and benefits
• CMOS low power consumption
• MultiByte flow-through standard pin-out architecture
• Low inductance multiple VCC and GND pins for minimum noise and ground bounce
• Direct interface with TTL levels (2.7 V to 3.6 V)
• Bus hold on data inputs
• Output drive capability 50 Ω transmission lines at 85 °C
• Current drive ±24 mA at 3.0 V
• Complies with JEDEC standards:
– JESD8-5 (2.3 V to 2.7 V)
– JESD8B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
– HBM ANSI/ESDA/JEDEC JS-001 exceeds 2000 V
– CDM JESD22-C101E exceeds 1000 V




Similar Part No. - 74ALVCH16500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16500DGG PHILIPS-74ALVCH16500DGG Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
logo
Texas Instruments
74ALVCH16500DGGRE4 TI1-74ALVCH16500DGGRE4 Datasheet
355Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16500DGGRG4 TI1-74ALVCH16500DGGRG4 Datasheet
355Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ALVCH16500DLG4 TI1-74ALVCH16500DLG4 Datasheet
355Kb / 15P
18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Similar Description - 74ALVCH16500

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16500C PHILIPS-74ABT16500C Datasheet
88Kb / 12P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ABT16501A PHILIPS-74ABT16501A Datasheet
88Kb / 13P
18-bit universal bus transceiver 3-State
1998 Feb 27
74ALVCH16500 PHILIPS-74ALVCH16500 Datasheet
88Kb / 14P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVCH16601 PHILIPS-74ALVCH16601 Datasheet
86Kb / 12P
18-bit universal bus transceiver 3-State
1998 Sep 24
74ALVT16601 PHILIPS-74ALVT16601 Datasheet
96Kb / 14P
18-bit universal bus transceiver 3-State
1998 Feb 13
74ALVCH16600 PHILIPS-74ALVCH16600_15 Datasheet
93Kb / 14P
18-bit universal bus transceiver (3-State)
1998 Sep 24
logo
Nexperia B.V. All right...
74ALVCH16501 NEXPERIA-74ALVCH16501 Datasheet
253Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 7 - 24 November 2021
74ALVT16601 NEXPERIA-74ALVT16601 Datasheet
233Kb / 21P
18-bit universal bus transceiver; 3-state
Rev. 03 - 5 July 2005
74ALVCH16600 NEXPERIA-74ALVCH16600 Datasheet
210Kb / 17P
18-bit universal bus transceiver; 3-state
Rev. 3 - 15 January 2018
74ALVCH16601 NEXPERIA-74ALVCH16601 Datasheet
231Kb / 15P
18-bit universal bus transceiver; 3-state
Rev. 3 - 13 August 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com