Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2014L Datasheet (PDF) - Holtek Semiconductor Inc

HT2014L Datasheet PDF - Holtek Semiconductor Inc
Part # HT2014L
Download  HT2014L Download
File Size   69.67 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description One Lamp/LED Flash Driver

HT2014L Datasheet (PDF)

Go To PDF Page Download Datasheet
HT2014L Datasheet PDF - Holtek Semiconductor Inc

Part # HT2014L
Download  HT2014L Click to download

File Size   69.67 Kbytes
Page   4 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description One Lamp/LED Flash Driver

HT2014L Datasheet (HTML) - Holtek Semiconductor Inc


HT2014L Product details

General Description

The HT201XX series is a low cost, low power CMOS LSI chip designed for lamp and LED flash drivers. It can be operated without any external components, thus suitable for applications on flashing badges, gift cards, flashing earrings, and other products that require flash ing lights.



Features

• CMOS Metal-Gate Process Technology

• Operating voltage: 1.2V~4.5V

• Low standby current: 1µA Typ. at 3V

• Built-in oscillator (FOSC: 32KHz)

• ON/OFF control function for the HT2013H,HT2013M, HT2013L

• 1/8 duty cycle output

• Directly driving an LED

• Minimum external components

• TO-92 package (only for the HT2012H,HT2014M, HT2014L)

• Flash rate options:

– HT2013H → about 4Hz

– HT2012H → about 4Hz

(No ON/OFF control function)

– HT2013M → about 2Hz

– HT2014M → about 2Hz

(No ON/OFF control function)

– HT2013L → about 1Hz

– HT2014L → about 1Hz

(No ON/OFF control function)




Similar Part No. - HT2014L

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
HT20 LUMEL-HT20 Datasheet
2Mb / 7P
HUMIDITY MONITOR
logo
HYES Optoelectronics, I...
HT2002L HYES-HT2002L Datasheet
576Kb / 23P
LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Multicomp Pro
HT200AR MULTICOMP-HT200AR Datasheet
262Kb / 1P
Crimp Tool
10/08/22 V1.1
logo
Holtek Semiconductor In...
HT2040A HOLTEK-HT2040A Datasheet
475Kb / 9P
Christmas Light Controller
26th Mar 97
More results


Similar Description - HT2014L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
FIVE LAMP/LED FLASH DRIVER
DEC.29.1993
logo
Micro Electronics
MLD571 MICRO-ELECTRONICS-MLD571 Datasheet
78Kb / 2P
ONE LAMP/LED DRIVER
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8621 IXYS-LDS8621 Datasheet
208Kb / 8P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
logo
Shanghai awinic technol...
AW3641E AWINIC-AW3641E Datasheet
2Mb / 25P
Flash-current circuit adjustment 1 A flash lamp LED driver chip
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com