Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT2014L Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT2014L
Description  One Lamp/LED Flash Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT2014L Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT2014L Datasheet HTML 1Page - Holtek Semiconductor Inc HT2014L Datasheet HTML 2Page - Holtek Semiconductor Inc HT2014L Datasheet HTML 3Page - Holtek Semiconductor Inc HT2014L Datasheet HTML 4Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
HT201XX
One Lamp/LED Flash Driver
Selection Table
Part No.
Flash Rate
ON/OFF Control
Package
Yes
No
TO-92
Dice
HT2013H
4Hz
√√
HT2012H
4Hz
√√
√
HT2013M
2Hz
√√
HT2014M
2Hz
√√
√
HT2013L
1Hz
√√
HT2014L
1Hz
√√
√
Features
•
CMOS Metal-Gate Process Technology
•
Operating voltage: 1.2V~4.5V
•
Low standby current: 1
µA Typ. at 3V
•
Built-in oscillator (FOSC: 32KHz)
•
ON/OFF control function for the HT2013H,
HT2013M, HT2013L
•
1/8 duty cycle output
•
Directly driving an LED
•
Minimum external components
•
TO-92 package (only for the HT2012H,
HT2014M, HT2014L)
•
Flash rate options:
–
HT2013H
→ about 4Hz
–
HT2012H
→ about 4Hz
(No ON/OFF control function)
–
HT2013M
→ about 2Hz
–
HT2014M
→ about 2Hz
(No ON/OFF control function)
–
HT2013L
→ about 1Hz
–
HT2014L
→ about 1Hz
(No ON/OFF control function)
General Description
The HT201XX series is a low cost, low power
CMOS LSI chip designed for lamp and LED
flash drivers. It can be operated without any
external components, thus suitable for applica-
tions on flashing badges, gift cards, flashing
earrings, and other products that require flash-
ing lights.
1
10th June ’97


Similar Part No. - HT2014L

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
HT20 LUMEL-HT20 Datasheet
2Mb / 7P
HUMIDITY MONITOR
logo
HYES Optoelectronics, I...
HT2002L HYES-HT2002L Datasheet
576Kb / 23P
LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Multicomp Pro
HT200AR MULTICOMP-HT200AR Datasheet
262Kb / 1P
Crimp Tool
10/08/22 V1.1
logo
Holtek Semiconductor In...
HT2040A HOLTEK-HT2040A Datasheet
475Kb / 9P
Christmas Light Controller
26th Mar 97
More results

Similar Description - HT2014L

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT-2050 HOLTEK-HT-2050 Datasheet
231Kb / 5P
FIVE LAMP/LED FLASH DRIVER
DEC.29.1993
logo
Micro Electronics
MLD571 MICRO-ELECTRONICS-MLD571 Datasheet
78Kb / 2P
ONE LAMP/LED DRIVER
logo
Integrated Silicon Solu...
IS31BL3231 ISSI-IS31BL3231 Datasheet
444Kb / 9P
FLASH LED DRIVER
IS31BL3232 ISSI-IS31BL3232 Datasheet
404Kb / 11P
FLASH LED DRIVER
IS31BL3231-DLS2 ISSI-IS31BL3231-DLS2 Datasheet
389Kb / 13P
FLASH LED DRIVER
IS31BL3232-DLS2 ISSI-IS31BL3232-DLS2 Datasheet
404Kb / 11P
FLASH LED DRIVER
logo
IXYS Corporation
LDS8620 IXYS-LDS8620 Datasheet
245Kb / 12P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8621 IXYS-LDS8621 Datasheet
208Kb / 8P
200 mA, Dual Output LED Flash/Lamp Driver
LDS8681 IXYS-LDS8681 Datasheet
396Kb / 9P
800 mA, Dual Output LED Flash/PWM Dimming Lamp Driver
logo
Shanghai awinic technol...
AW3641E AWINIC-AW3641E Datasheet
2Mb / 25P
Flash-current circuit adjustment 1 A flash lamp LED driver chip
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com