Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925HR Datasheet (PDF) - Monolithic Power Systems

MP1925HR Datasheet PDF - Monolithic Power Systems
Part # MP1925HR
Download  MP1925HR Download
File Size   578.06 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V, 4A, High-Frequency, Half-Bridge Gate Driver

MP1925HR Datasheet (PDF)

Go To PDF Page Download Datasheet
MP1925HR Datasheet PDF - Monolithic Power Systems

Part # MP1925HR
Download  MP1925HR Click to download

File Size   578.06 Kbytes
Page   14 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 100V, 4A, High-Frequency, Half-Bridge Gate Driver

MP1925HR Datasheet (HTML) - Monolithic Power Systems


MP1925HR Product details

DESCRIPTION
The MP1925 is a high-frequency, half-bridge,
N-channel power MOSFET driver. Its low-side
and high-side driver channels are controlled
independently and matched with less than 5ns
of time delay. Under-voltage lockout (UVLO) on
both the high-side and low-side supplies forces
the outputs low in the event that the supply is
insufficient. The integrated bootstrap diode
reduces the external component count.
The MP1925 is available in a QFN-8
4mmx4mm) package.

FEATURES
 Drives an N-Channel MOSFET Half-Bridge
 115V Bootstrap Voltage Range
 On-Chip Bootstrap Diode
 Typical Propagation Delay of 20ns
 Gate Driver Matching of Less than 5ns
 Drives a 2.2nF Load with 15ns of Rise Time
and 10ns of Fall Time at 12V VDD
 TTL-Compatible Input
 Quiescent Current of Less than 150μA
 UVLO for Both High-Side and Low-Side
Gate Drivers
 Available in a QFN-8 (4mmx4mm) Package

APPLICATIONS
 Motor Drivers
 Telecom Half-Bridge Power Supplies
 Avionics DC/DC Converters
 Two-Switch Forward Converters
 Active Clamp Forward Converters




Similar Part No. - MP1925HR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HN-A MPS-MP1921HN-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HQ-A MPS-MP1921HQ-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HQE-A MPS-MP1921HQE-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HR-A MPS-MP1921HR-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
More results


Similar Description - MP1925HR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
EV1907-Q-00A MPS-EV1907-Q-00A Datasheet
212Kb / 6P
100V, High Frequency Half-Bridge Gate Driver EV Board
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com