Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925HR Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP1925HR
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925HR Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP1925HR Datasheet HTML 1Page - Monolithic Power Systems MP1925HR Datasheet HTML 2Page - Monolithic Power Systems MP1925HR Datasheet HTML 3Page - Monolithic Power Systems MP1925HR Datasheet HTML 4Page - Monolithic Power Systems MP1925HR Datasheet HTML 5Page - Monolithic Power Systems MP1925HR Datasheet HTML 6Page - Monolithic Power Systems MP1925HR Datasheet HTML 7Page - Monolithic Power Systems MP1925HR Datasheet HTML 8Page - Monolithic Power Systems MP1925HR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MP1925
100V, 4A, High-Frequency,
Half-Bridge Gate Driver
MP1925 Rev. 1.01
MonolithicPower.com
1
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
DESCRIPTION
The MP1925 is a high-frequency, half-bridge,
N-channel power MOSFET driver. Its low-side
and high-side driver channels are controlled
independently and matched with less than 5ns
of time delay. Under-voltage lockout (UVLO) on
both the high-side and low-side supplies forces
the outputs low in the event that the supply is
insufficient. The integrated bootstrap diode
reduces the external component count.
The
MP1925
is
available
in
a
QFN-8
(4mmx4mm) package.
FEATURES
 Drives an N-Channel MOSFET Half-Bridge
 115V Bootstrap Voltage Range
 On-Chip Bootstrap Diode
 Typical Propagation Delay of 20ns
 Gate Driver Matching of Less than 5ns
 Drives a 2.2nF Load with 15ns of Rise Time
and 10ns of Fall Time at 12V VDD
 TTL-Compatible Input
 Quiescent Current of Less than 150µA
 UVLO for Both High-Side and Low-Side
Gate Drivers
 Available in a QFN-8 (4mmx4mm) Package
APPLICATIONS
 Motor Drivers
 Telecom Half-Bridge Power Supplies
 Avionics DC/DC Converters
 Two-Switch Forward Converters
 Active Clamp Forward Converters
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive.
For MPS green status, please visit the MPS website under Quality
Assurance. “MPS”, the MPS logo, and “Simple, Easy Solutions” are
trademarks of Monolithic Power Systems, Inc. or its subsidiaries.
TYPICAL APPLICATION
M
VDC
DRVH
DRVL
SW
BST
VSS
VSS
VDD
VDD
DRVH
DRVL
SW
BST
INH
INL
INH
INL
MOTOR
DRIVER
12V


Similar Part No. - MP1925HR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HN-A MPS-MP1921HN-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HQ-A MPS-MP1921HQ-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HQE-A MPS-MP1921HQE-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1921HR-A MPS-MP1921HR-A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
More results

Similar Description - MP1925HR

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP1907 MPS-MP1907 Datasheet
336Kb / 15P
100V, 2.5A, High Frequency Half-bridge Gate Driver
MP18021 MPS-MP18021 Datasheet
323Kb / 9P
100V High Frequency Half-Bridge Gate Driver
MP18024 MPS-MP18024 Datasheet
406Kb / 12P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP18021A MPS-MP18021A Datasheet
507Kb / 13P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MPQ18021A MPS-MPQ18021A Datasheet
480Kb / 12P
100V, 2.5A, High-Frequency Half-Bridge Gate Driver
EV1907-Q-00A MPS-EV1907-Q-00A Datasheet
212Kb / 6P
100V, High Frequency Half-Bridge Gate Driver EV Board
MP1921A MPS-MP1921A Datasheet
553Kb / 17P
100V, 2.5A, High Frequency Half-Bridge Gate Driver
MP1924 MPS-MP1924 Datasheet
492Kb / 15P
100V, 4A, High Frequency Half-Bridge Gate Driver
MP1924A MPS-MP1924A Datasheet
562Kb / 16P
100V, 4A, High Frequency Half-Bridge Gate Driver
MPQ1924 MPS-MPQ1924 Datasheet
790Kb / 14P
100V, 4A, High Frequency Half-Bridge Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com