Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925HR Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP1925HR
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925HR Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP1925HR Datasheet HTML 6Page - Monolithic Power Systems MP1925HR Datasheet HTML 7Page - Monolithic Power Systems MP1925HR Datasheet HTML 8Page - Monolithic Power Systems MP1925HR Datasheet HTML 9Page - Monolithic Power Systems MP1925HR Datasheet HTML 10Page - Monolithic Power Systems MP1925HR Datasheet HTML 11Page - Monolithic Power Systems MP1925HR Datasheet HTML 12Page - Monolithic Power Systems MP1925HR Datasheet HTML 13Page - Monolithic Power Systems MP1925HR Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP1925 – 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MP1925 Rev. 1.01
MonolithicPower.com
11
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
REFERENCE DESIGN CIRCUITS
Half-Bridge Converter
The
MP1925
drives
the
MOSFETS
via
alternating signals with dead time in half-bridge
converter topology. The input voltage can rise up
to 100V with the alternating signals (INT and INL)
coming from the PWM controller (see Figure 4).
Figure 4: Half-Bridge Converter
Two-Switch Forward Converter
In two-switch forward converter topology, both
MOSFETs turn on and off simultaneously. The
input signals (INH and INL) come from a PWM
controller that senses the output voltage and
output current during current mode control.
The Schottky diodes clamp the reverse swing of
the power transformer, and must be rated for the
input voltage. The input voltage can rise up to
100V (see Figure 5).
Figure 5: Two-Switch Forward Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com