Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925HR Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP1925HR
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925HR Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP1925HR Datasheet HTML 1Page - Monolithic Power Systems MP1925HR Datasheet HTML 2Page - Monolithic Power Systems MP1925HR Datasheet HTML 3Page - Monolithic Power Systems MP1925HR Datasheet HTML 4Page - Monolithic Power Systems MP1925HR Datasheet HTML 5Page - Monolithic Power Systems MP1925HR Datasheet HTML 6Page - Monolithic Power Systems MP1925HR Datasheet HTML 7Page - Monolithic Power Systems MP1925HR Datasheet HTML 8Page - Monolithic Power Systems MP1925HR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP1925 – 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MP1925 Rev. 1.01
MonolithicPower.com
5
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VDD = VBST - VSW = 12V, VSS = VSW = 0V, no load at DRVH and DRVL, TJ = -40°C to +125°C, typical
value is tested at TJ = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Switching Specification – Low-Side Gate Driver
Turn-off propagation delay
INL falling to DRVL falling
tDLFF
20
ns
Turn-on propagation delay
INL rising to DRVL rising
tDLRR
20
DRVL rise time
CL = 2.2nF
15
ns
DRVL fall time
CL = 2.2nF
10
ns
Switching Specification – Floating Gate Driver
Turn-off propagation delay
INH falling to DRVH falling
tDHFF
20
ns
Turn-on propagation delay
INH rising to DRVH rising
tDHRR
20
ns
DRVH rise time
CL = 2.2nF
15
ns
DRVH fall time
CL = 2.2nF
10
ns
Switching Specification – Matching
Floating driver turn-off to low-side
driver turn-on (6)
tMON
1
5
ns
Low-side driver turn-off to floating
driver turn-on (6)
tMOFF
1
5
ns
Minimum input pulse width that
changes the output (6)
tPW
50
ns
Bootstrap diode turn-on or turn-
off time (6)
tBS
10
ns
Thermal shutdown
150
°C
Thermal shutdown hysteresis
25
°C
Note:
6) Guaranteed by design.
TIMING DIAGRAM
Figure 1: Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com