Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1925HR Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP1925HR
Description  100V, 4A, High-Frequency, Half-Bridge Gate Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP1925HR Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP1925HR Datasheet HTML 1Page - Monolithic Power Systems MP1925HR Datasheet HTML 2Page - Monolithic Power Systems MP1925HR Datasheet HTML 3Page - Monolithic Power Systems MP1925HR Datasheet HTML 4Page - Monolithic Power Systems MP1925HR Datasheet HTML 5Page - Monolithic Power Systems MP1925HR Datasheet HTML 6Page - Monolithic Power Systems MP1925HR Datasheet HTML 7Page - Monolithic Power Systems MP1925HR Datasheet HTML 8Page - Monolithic Power Systems MP1925HR Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MP1925 – 100V, 4A, HIGH-FREQUENCY, HALF-BRIDGE GATE DRIVER
MP1925 Rev. 1.01
MonolithicPower.com
3
7/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
Supply voltage (VDD) ..................... -0.3V to +18V
SW voltage (VSW) ........................ -5.0V to +105V
SW voltage (VSW)...........-25V(<100ns) to +105V
BST voltage (VBST) ...................... -0.3V to +115V
BST voltage (VBST).........-15V(<100ns) to +115V
BST to SW .................................... -0.3V to +18V
DRVH to SW (2)............................-0.3V to 18.3V
DRVH to SW (2) …………..-5V(<100ns) to 18.3V
DRVH to VSS.......... -0.3V to (BST - SW) + 0.3V
DRVH to VSS
……………...-15V (<100ns) to (BST-VSS)+0.3V
DRVL to VSS (2)...........................-0.3V to 18.3V
DRVL to VSS (2)................-5V(<100ns) to 18.3V
INH/NL to VSS ...................-0.3V to (VDD + 0.3V)
INH/INL to VSS
…………………….-5V(<100ns) to (VDD + 0.3V)
All other pins ...................... -0.3V to (VDD + 0.3V)
Continuous power dissipation (TA = 25°C) (3)
QFN-8 (4mmx4mm) ..................................2.66W
Junction temperature ................................ 150°C
Lead temperature...................................... 260°C
Storage temperature.................-65°C to +150°C
Recommended Operating Conditions (4)
Supply voltage (VDD) ..................... 8.0V to 15.0V
SW voltage (VSW) ........................ -1.0V to +100V
SW slew rate .......................................... <50V/ns
Operating junction temp (TJ = TA)
.............................................-40°C to +125°C
Thermal Resistance (5)
θJA
θJC
QFN-8 (4mmx4mm) ................ 47........7 ....°C/W
Notes:
1) Exceeding these ratings may damage the device. The
repetitive pulse rating is guaranteed for period of 100ns or
less with a maximum repetition rate of 1000kHz when VDD
is 15V or less.
2) DRVH and DRVL are outputs pins, cannot be connected to
external supply voltage.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX) - TA) / θJA. Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com