Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861GL Datasheet (PDF) - Monolithic Power Systems

MP8861GL Datasheet PDF - Monolithic Power Systems
Part # MP8861GL
Download  MP8861GL Download
File Size   1509.52 Kbytes
Page   37 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface

MP8861GL Datasheet (PDF)

Go To PDF Page Download Datasheet
MP8861GL Datasheet PDF - Monolithic Power Systems

Part # MP8861GL
Download  MP8861GL Click to download

File Size   1509.52 Kbytes
Page   37 Pages
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems
Description 2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface

MP8861GL Datasheet (HTML) - Monolithic Power Systems


MP8861GL Product details

DESCRIPTION
The MP8861 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with an I2C control interface. The MP8861 offers
a fully integrated solution that achieves 6A of
continuous output current with excellent load
and line regulation over a wide input supply
range.
The output voltage level can be controlled onthe-
fly through an I2C serial interface. The
reference voltage range can be adjusted from
0.6V to 1.108V in 4mV steps. The voltage slew
rate, frequency, current limit, hiccup/latch-off
protection, enable, and power-save mode (PSM)
are also selectable through the I2C interface.
Constant-on-time (COT) control operation
provides fast transient response. An open-drain
power good (PG) pin indicates that the output
voltage is in the nominal range. Full protection
features include over-voltage protection (OVP),
over-current protection (OCP), and thermal
shutdown.
The MP8861 is available in a QFN-14
3mmx4mm) package.

FEATURES
 Wide 2.85V to 18V Operating Input Range
 6A Continuous Output Current
 1% Internal Reference Accuracy
 I2C Programmable Reference Range from
0.6V to 1.108V in 4mV Steps with Slew
Rate Control
 5% Accuracy Output Voltage and Output
Current Monitoring via I2C
 Selectable PFM/PWM Mode, Adjustable
Frequency and Current Limit through I2C
 Four Different Selectable I2C Addresses
 External Soft Start (SS)
 Open-Drain Power Good (PG) Indication
 Output Over-Voltage Protection (OVP)
 Hiccup/Latch-Off Over-Current Protection
(OCP)
 VOUT Adjustable up to 5.5V using FB pin
 Available in a QFN-14 (3mmx4mm)
Package

APPLICATIONS
 Solid-State Drives (SSD)
 Flat-Panel Televisions and Monitors
 Digital Set-Top Boxes
 Distributed Power Systems
 Networking/Servers




Similar Part No. - MP8861GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
MP8864GQ MPS-MP8864GQ Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8865GQ MPS-MP8865GQ Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8865GQ MPS-MP8865GQ Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
More results


Similar Description - MP8861GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com