Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8861GL Datasheet HTML 1Page - Monolithic Power Systems MP8861GL Datasheet HTML 2Page - Monolithic Power Systems MP8861GL Datasheet HTML 3Page - Monolithic Power Systems MP8861GL Datasheet HTML 4Page - Monolithic Power Systems MP8861GL Datasheet HTML 5Page - Monolithic Power Systems MP8861GL Datasheet HTML 6Page - Monolithic Power Systems MP8861GL Datasheet HTML 7Page - Monolithic Power Systems MP8861GL Datasheet HTML 8Page - Monolithic Power Systems MP8861GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
MP8861
2.85V - 18V, 6A, High-Efficiency, Wide-Input,
Synchronous, Step-Down Converter with
Integrated Telemetry via I2C Interface
MP8861 Rev. 1.1
www.MonolithicPower.com
1
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8861 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter
with an I2C control interface. The MP8861 offers
a fully integrated solution that achieves 6A of
continuous output current with excellent load
and line regulation over a wide input supply
range.
The output voltage level can be controlled on-
the-fly through an I2C serial interface. The
reference voltage range can be adjusted from
0.6V to 1.108V in 4mV steps. The voltage slew
rate, frequency, current limit, hiccup/latch-off
protection, enable, and power-save mode (PSM)
are also selectable through the I2C interface.
Constant-on-time
(COT)
control
operation
provides fast transient response. An open-drain
power good (PG) pin indicates that the output
voltage is in the nominal range. Full protection
features include over-voltage protection (OVP),
over-current protection (OCP), and thermal
shutdown.
The MP8861 is available in a QFN-14
(3mmx4mm) package.
FEATURES
Wide 2.85V to 18V Operating Input Range
6A Continuous Output Current
1% Internal Reference Accuracy
I2C Programmable Reference Range from
0.6V to 1.108V in 4mV Steps with Slew
Rate Control
5% Accuracy Output Voltage and Output
Current Monitoring via I2C
Selectable PFM/PWM Mode, Adjustable
Frequency and Current Limit through I2C
Four Different Selectable I2C Addresses
External Soft Start (SS)
Open-Drain Power Good (PG) Indication
Output Over-Voltage Protection (OVP)
Hiccup/Latch-Off Over-Current Protection
(OCP)
VOUT Adjustable up to 5.5V using FB pin
Available in a QFN-14 (3mmx4mm)
Package
APPLICATIONS
Solid-State Drives (SSD)
Flat-Panel Televisions and Monitors
Digital Set-Top Boxes
Distributed Power Systems
Networking/Servers
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
0.01
0.1
1
VIN=4.5V
VIN=12V
60
64
68
72
76
80
84
88
92
96
100
VIN=18V
8


Similar Part No. - MP8861GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8864 MPS-MP8864 Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
MP8864GQ MPS-MP8864GQ Datasheet
1Mb / 29P
High-Efficiency, 4 A, 21 V, Synchronous Step-Down Converter with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8865GQ MPS-MP8865GQ Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8865GQ MPS-MP8865GQ Datasheet
458Kb / 7P
6A High Efficient Synchronous Step-Down Converter with I2C Interface
More results

Similar Description - MP8861GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8760 MPS-MP8760 Datasheet
914Kb / 24P
High Efficiency, 6A, 18V, Synchronous, Step-Down Converter
MP8846 MPS-MP8846 Datasheet
895Kb / 27P
High-Efficiency, 6A, 8V, Synchronous Step-Down Converter with I2C Interface
MP8848 MPS-MP8848 Datasheet
567Kb / 20P
6A, High-Efficiency, Synchronous, Step-Down Switcher with I2C Interface
MP8865 MPS-MP8865 Datasheet
1Mb / 29P
High-Efficiency, 6A, 21V, Synchronous Step-Down Converter with I2C Interface
MP8869 MPS-MP8869 Datasheet
2Mb / 37P
17V, 12A, High-Efficiency, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869S MPS-MP8869S Datasheet
2Mb / 39P
18V, 12A, High-Efficiency, Wide-Input, Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
MP8869W MPS-MP8869W Datasheet
3Mb / 41P
3V - 18V, 12A, High-Efficiency, Wide-Input, Synchronous Step-Down Converter with Integrated Telemetry via I2C Interface
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8760D MPS-MP8760D Datasheet
993Kb / 25P
High Efficiency, 6A, 18V Synchronous Step-down Converter With Output Discharge
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com