Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP8861GL Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP8861GL
Description  2.85V - 18V, 6A, High-Efficiency, Wide-Input,Synchronous, Step-Down Converter with Integrated Telemetry via I2C Interface
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8861GL Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP8861GL Datasheet HTML 12Page - Monolithic Power Systems MP8861GL Datasheet HTML 13Page - Monolithic Power Systems MP8861GL Datasheet HTML 14Page - Monolithic Power Systems MP8861GL Datasheet HTML 15Page - Monolithic Power Systems MP8861GL Datasheet HTML 16Page - Monolithic Power Systems MP8861GL Datasheet HTML 17Page - Monolithic Power Systems MP8861GL Datasheet HTML 18Page - Monolithic Power Systems MP8861GL Datasheet HTML 19Page - Monolithic Power Systems MP8861GL Datasheet HTML 20Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
MP8861 – 2.85V - 18V, 6A, SYNCHRONOUS, STEP-DOWN CONVERTER
MP8861 Rev. 1.1
www.MonolithicPower.com
16
5/28/2020
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2020 MPS. All Rights Reserved.
almost to zero. When the inductor current
reaches zero, the LS-FET driver goes into tri-
state (Hi-Z) (see Figure 5). The output
capacitors discharge slowly to GND through R1
and R2. This operation improves device
efficiency greatly when the output current is low.
Figure 5: Light-Load Operation
Light-load operation is also called skip mode
because the HS-FET does not turn on as
frequently as it does during heavy-load
condition. The frequency at which the HS-FET
turns on is a function of the output current. As
the output current increases, the current
modulator regulation time period becomes
shorter, the HS-FET turns on more frequently,
and the switching frequency increases. The
output current reaches critical levels when the
current modulator time is zero and can be
determined with Equation (1):
IN
OUT
OUT
OUT
SW
IN
(V
V
) V
I
2L F
V


(1)
The MP8861 reverts to PWM mode once the
output current exceeds the critical level.
Afterward, the switching frequency remains
fairly constant over the output current range.
The MP8861 can operate in PFM mode under
light load to improve efficiency (low-power
mode). The MP8861 can also operate in forced
PWM mode at any load condition. The mode is
selectable through the I2C control. To enable
low-power mode, set the Mode bit to 0. To
disable low-power mode, set the Mode bit to 1,
and the converter works in forced PWM mode.
The Mode bit is set to 0 (PFM) by default.
Operating without an External Ramp
The traditional constant-on-time (COT) control
scheme is intrinsically unstable if the output
capacitor’s ESR is not large enough to be an
effective
current-sense
resistor.
Ceramic
capacitors cannot be used as output capacitors,
typically. The MP8861 has built-in, internal
ramp compensation to ensure that the system
is stable, even without the help of the output
capacitor’s ESR. The pure ceramic capacitor
solution can reduce the output ripple, total BOM
cost, and board area significantly.
VCC Regulator
A 3.5V internal regulator powers most of the
internal
circuitries.
A
470nF
decoupling
capacitor is needed to stabilize the regulator
and reduce ripple. This regulator takes the VIN
input and operates in the full VIN range. After
EN is pulled high and VIN is greater than 3.5V,
the output of the regulator is in full regulation.
When VIN is lower than 3.5V, the output
voltage decreases and follows the input voltage.
A 0.47μF ceramic capacitor is required for
decoupling.
Error Amplifier (EA)
The error amplifier (EA) compares the FB
voltage against the internal 0.6V reference
(REF) and outputs a PWM signal. The
reference voltage can be programmed from
0.6V to 1.108V via the I2C. The optimized
internal ramp compensation minimizes the
external component count and simplifies the
control loop design.
Enable (EN)
EN is a digital control pin that turns the
regulator, including the I2C block, on and off.
Drive EN high to turn on the regulator. Drive EN
low to turn off the regulator. An internal 1.5MΩ
resistor is connected from EN to ground. EN
can operate with an 18V input voltage, which
allows EN to be directly connected to VIN for
automatic start-up. When the external EN is
high, set the EN bit to 0 in register 01 to stop
the HS-FET and LS-FET from switching. The
MP8861 resumes switching by setting the EN
bit to 1.
Under-Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) protects the chip
from operating at an insufficient supply voltage.
The MP8861 UVLO comparator monitors the
input voltage, VIN, and output voltage of the
VCC regulator. The MP8861 is active when the
voltages exceed the UVLO rising threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com